Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N9320BRF Datasheet(PDF) 4 Page - Keysight Technologies

Part # N9320BRF
Description  RF Spectrum Analyzer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9320BRF Datasheet(HTML) 4 Page - Keysight Technologies

  N9320BRF Datasheet HTML 1Page - Keysight Technologies N9320BRF Datasheet HTML 2Page - Keysight Technologies N9320BRF Datasheet HTML 3Page - Keysight Technologies N9320BRF Datasheet HTML 4Page - Keysight Technologies N9320BRF Datasheet HTML 5Page - Keysight Technologies N9320BRF Datasheet HTML 6Page - Keysight Technologies N9320BRF Datasheet HTML 7Page - Keysight Technologies N9320BRF Datasheet HTML 8Page - Keysight Technologies N9320BRF Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
04 | Keysight | N9320B RF Spectrum Analyzer - Data Sheet
Supplemental Information
Amplitude range
Measurement range
10 MHz to 3 GHz: Displayed average noise level
(DANL) to +30 dBm
(PA OFF)
1 to 10 MHz: DANL up to 23 dBm
100 kHz to 1 MHz: DANL up to 20 dBm
Input attenuator range
0 to 70 dB, in 1 dB steps
Maximum damage level
Average continuous power
≤ +37 dBm
Input attenuator setting ≥ 10 dB, 3 minutes
maximum
Peak pulse power
≤ +50 dBm (100 W)
For < 10 μs pulse width, < 1% duty cycle, and
input attenuation ≥ 40 dB
DC voltage
50 VDC maximum
Level display range
Log scale units
dBm, dBmV, dBμV, dBμA
Linear scale units
μV, mV, V, μA, mA, A, μW, mW, W
Marker level readout
0.01 dB
Log scale
Resolution
0.01% of reference level
Linear scale
Number of traces
4
Detectors
Positive-peak, negative-peak, sample, normal, RMS
Trace function
Clear/write, maximum hold, average, minimum hold,
view
Frequency response
10 dB input attenuation, reference: 50 MHz, 20 to —30 °C
200 kHz to 2.0 GHz
± 0.5 dB
Preamp off
2.0 to 3.0 GHz
± 0.7 dB
Preamp off
1 MHz to 2.0 GHz
± 0.6 dB
Preamp on
2.0 to 3.0 GHz
± 0.8 dB
Preamp on
Input attenuation switching uncertainty at 50 MHz
Attenuation > 2 dB, preamp off
0 to 60 dB attenuation
± 0.4 dB
Relative to 10 dB (reference setting)
Absolute amplitude accuracy
Center frequency 50 MHz, RBW 1 kHz, VBW 1 kHz, amplitude scale log, span 100 kHz, sweep time coupled, peak detector, signal at reference level
Preamp off
± 0.3 dB
Reference level —10 dB, input attenuation 10 dB
Preamp on
± 0.4 dB
Reference level —30 dB, input attenuation 10 dB
Amplitude Specifications


Similar Part No. - N9320BRF

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9320B KEYSIGHT-N9320B Datasheet
639Kb / 11P
   RF Spectrum Analyzer
More results

Similar Description - N9320BRF

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9320B KEYSIGHT-N9320B Datasheet
639Kb / 11P
   RF Spectrum Analyzer
logo
List of Unclassifed Man...
H500 ETC2-H500 Datasheet
1Mb / 12P
   Spectrum Analyzer
logo
TEKTRONIX, INC.
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
   Spectrum Analyzer
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
   SPECTRUM ANALYZER
logo
TEKTRONIX, INC.
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
   Spectrum Analyzer
RSA306B TEKTRONIX-RSA306B Datasheet
1Mb / 26P
   Spectrum Analyzer
logo
List of Unclassifed Man...
SSA3032XPLUS ETC1-SSA3032XPLUS Datasheet
1Mb / 20P
   Spectrum Analyzer
2011/65/EU
logo
Keysight Technologies
N9344C KEYSIGHT-N9344C Datasheet
1Mb / 10P
   Handheld Spectrum Analyzer
logo
Good Will Instrument Co...
GSP-9300B GWINSTEK-GSP-9300B Datasheet
711Kb / 4P
   3GHz SPECTRUM ANALYZER
GSP-9330 GWINSTEK-GSP-9330 Datasheet
863Kb / 4P
   3.25GHz SPECTRUM ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com