Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N6841A Datasheet(PDF) 2 Page - Keysight Technologies

Part # N6841A
Description  RF Sensor for Signal Monitoring Networks
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N6841A Datasheet(HTML) 2 Page - Keysight Technologies

  N6841A Datasheet HTML 1Page - Keysight Technologies N6841A Datasheet HTML 2Page - Keysight Technologies N6841A Datasheet HTML 3Page - Keysight Technologies N6841A Datasheet HTML 4Page - Keysight Technologies N6841A Datasheet HTML 5Page - Keysight Technologies N6841A Datasheet HTML 6Page - Keysight Technologies N6841A Datasheet HTML 7Page - Keysight Technologies N6841A Datasheet HTML 8Page - Keysight Technologies N6841A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
– Environmentally rugged IP67-rated weatherproof enclosure. Sealed unit
with no moving internal parts
– Small footprint for ease of setup and teardown
– Wideband RF receiver with 20 MHz to 6 GHz frequency range
– Digital IF bandwidth adjustable up to 20 MHz
– Signal LOOKback memory (4.8 secs at 20 MHz BW)—enables reliable
detection, processing and location of short duration signals or interference
– I/Q streaming up to 2 MHz bandwidth for recording or off board signal
processing
– Integrated GPS for sensor location and time synchronous applications
– High precision measurement synchronization and time-stamping
– AM/FM demodulated audio streaming
– Two Type-N RF input ports (switched) for multiple antennas
– Well documented API for user programming and application development
– Wide range of Sensor applications to meet your specific monitoring,
analysis or location requirements
– Embedded Application support for autonomous spectrum monitoring or
“leave behind” use model.
“I’ve got bursting interferers
that need to be reliably
detected, classified, identi-
fied and located. I’ve
already done the easy ones
with my older generation
equipment…”
Key Features
02 | Keysight | N6841A RF Sensor for Signal Monitoring Networks - Data Sheet


Similar Part No. - N6841A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N6841A KEYSIGHT-N6841A Datasheet
4Mb / 19P
   N6841A RF Sensor for Signal Monitoring Networks
N6841A-MFP KEYSIGHT-N6841A-MFP Datasheet
4Mb / 19P
   N6841A RF Sensor for Signal Monitoring Networks
More results

Similar Description - N6841A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N6841A KEYSIGHT-N6841A Datasheet
4Mb / 19P
   N6841A RF Sensor for Signal Monitoring Networks
logo
PHOENIX CONTACT
EMD-BL-3V-400 PHOENIX-EMD-BL-3V-400 Datasheet
143Kb / 6P
   Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-FL-3V-230 PHOENIX-EMD-FL-3V-230 Datasheet
158Kb / 8P
   Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-FL-3V-690 PHOENIX-EMD-FL-3V-690 Datasheet
167Kb / 8P
   Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-SL-3V-400 PHOENIX-EMD-SL-3V-400 Datasheet
139Kb / 6P
   Electronic monitoring relay for voltage monitoring in three-phase networks
EMD-FL-3V-400 PHOENIX-EMD-FL-3V-400 Datasheet
157Kb / 8P
   Electronic monitoring relay for voltage monitoring in three-phase networks
2885773 PHOENIX-2885773 Datasheet
153Kb / 8P
   Electronic monitoring relay for voltage monitoring in three-phase networks
logo
Contec Co., Ltd
CPS-PAV-AE01-EU CONTEC-CPS-PAV-AE01-EU Datasheet
541Kb / 3P
   Signal Tower Monitoring
logo
PHOENIX CONTACT
2903523 PHOENIX-2903523 Datasheet
138Kb / 6P
   Electronic monitoring relay for undervoltage monitoring of direct and alternating voltages in single-phase networks
2866048 PHOENIX-2866048 Datasheet
152Kb / 8P
   Electronic monitoring relay for voltage monitoring of direct and alternating voltages in single-phase networks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com