Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M8041A Datasheet(PDF) 2 Page - Keysight Technologies

Part # M8041A
Description  Optical Receiver Stress Test Solution
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M8041A Datasheet(HTML) 2 Page - Keysight Technologies

  M8041A Datasheet HTML 1Page - Keysight Technologies M8041A Datasheet HTML 2Page - Keysight Technologies M8041A Datasheet HTML 3Page - Keysight Technologies M8041A Datasheet HTML 4Page - Keysight Technologies M8041A Datasheet HTML 5Page - Keysight Technologies M8041A Datasheet HTML 6Page - Keysight Technologies M8041A Datasheet HTML 7Page - Keysight Technologies M8041A Datasheet HTML 8Page - Keysight Technologies M8041A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
02 | Keysight | N4917B Optical Receiver Stress Test Solution - Solution Brochure
Repeatable Optical Receiver Stress Test for
100GBASE-LR4/ER4/SR4
In recent years, transmission speeds in gigabit ethernet have continously increased
from 10 Gb/s to 40 Gb/s and are now approaching the 100 Gb/s speed class. 10 Gb/s
Ethernet was designed based on a 10.3125 Gb/s line rate on one single-mode fiber per
direction. The 40 Gb/s Ethernet speed class changed this to an architecture using the
same 10.3125 Gb/s line rate but using four optical wavelengths in the O-Band on one
single-mode fiber per direction. This increased the transmission capacity by a factor of
four, without a need to make changes to the speed of the electrical components. In the
last few years the 100 Gb/s speed class has been established, increasing the electrical
line rate from 10.3125 Gb/s to 25.78125 Gb/s. It also uses both four optical wavelengths
on one fiber as well as multiple fibers with one optical wavelength per fiber.
The conformance test specification for 100 Gb/s transmission speed class is defined in
the IEEE 802.3 standard, clause 88 for 100 Gb/s Ethernet long reach (LR4) and extended
reach (ER4) and clause 95 for 100 Gb/s Ethernet short reach (SR4).
The N4917B optical receiver stress test solution provides an automated stressed receiver
sensitivity test in accordance with the 100GBASE-LR4, ER4 and SR4 test specifications.
In order to do this kind of test, several test instruments such as a bit error ratio tester,
digital sampling oscilloscope, optical reference transmitter and tunable laser source are
required to operate together to achieve a compliant, repeatable optical stressed eye.
This stressed eye is then fed to the receiver under test, where bit error ratio is measured
under the stress conditions as defined in the standard.
The N4917B solution provides:
– Automated calibration of the optical stressed eye according to IEEE 802.3 clause 88
and 95.
– Calibration of ER, VECP/SEC, J2, J4, J9, OMA parameters
– Repeatable results
– Adjustable target values for ER, VECP/SEC, J2, J4, J9, OMA
– Jitter tolerance compliance and margin test
– Electrical loop back or optional DUT control interface for full automated JTOL test
– Remote control of all the test instrumentation
– For this, the N4917B includes the following key equipment:
– a high performance bit-error-rate tester
– an optical reference transmitter for 25.78125 Gb/s
– a tunable laser covering the O-band for LR4/ER4 or a 850nm laser for SR4


Similar Part No. - M8041A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M8040A KEYSIGHT-M8040A Datasheet
3Mb / 28P
   M8040A High-Performance BERT 64 GBaud
M8048A KEYSIGHT-M8048A Datasheet
1Mb / 7P
   M8048A ISI Channels
More results

Similar Description - M8041A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4917A HP-N4917A Datasheet
1,013Kb / 12P
   Optical Receiver Stress Test Solution
logo
Emcore Corporation
7820R EMCORE-7820R Datasheet
613Kb / 6P
   Optical Receiver
logo
Keysight Technologies
E6950A KEYSIGHT-E6950A Datasheet
2Mb / 8P
   eCall Conformance Test Solution
logo
JDS Uniphase Corporatio...
OTU-8000 JDSU-OTU-8000 Datasheet
370Kb / 6P
   Optical Test Unit
logo
List of Unclassifed Man...
AEC-Q100-REV-H ETC-AEC-Q100-REV-H Datasheet
814Kb / 48P
   FAILURE MECHANISM BASED STRESS TEST QUALIFICATION FOR INTEGRATED CIRCUITS
September 11, 2014
logo
Keysight Technologies
E7515A KEYSIGHT-E7515A Datasheet
1Mb / 7P
   VoLTE Battery Test, Reference Solution
E6650A-001 KEYSIGHT-E6650A-001 Datasheet
1Mb / 8P
   Small Cell Test, Reference Solution
5992-1599 KEYSIGHT-5992-1599 Datasheet
1Mb / 5P
   Anite SAS Interoperability Test Solution
logo
NXP Semiconductors
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
   Optical receiver modules
2000 Apr 12
logo
Emcore Corporation
7820C EMCORE-7820C Datasheet
567Kb / 6P
   CATV Optical Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com