Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3302A-DM1 Datasheet(PDF) 7 Page - Keysight Technologies

Part # M3302A-DM1
Description  PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M3302A-DM1 Datasheet(HTML) 7 Page - Keysight Technologies

Back Button M3302A-DM1 Datasheet HTML 3Page - Keysight Technologies M3302A-DM1 Datasheet HTML 4Page - Keysight Technologies M3302A-DM1 Datasheet HTML 5Page - Keysight Technologies M3302A-DM1 Datasheet HTML 6Page - Keysight Technologies M3302A-DM1 Datasheet HTML 7Page - Keysight Technologies M3302A-DM1 Datasheet HTML 8Page - Keysight Technologies M3302A-DM1 Datasheet HTML 9Page - Keysight Technologies M3302A-DM1 Datasheet HTML 10Page - Keysight Technologies M3302A-DM1 Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
07 | Keysight | M3302A PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming - Data Sheet
I/O specifications
M3302A-C22
Parameter
Min
Typ
Max Units
Comments
Output channels
Sampling rate 1
100
500 MSa/s
Output frequency
0
200 MHz
Limited by a reconstruction filter
Output voltage
–1.5
1.5
Volts
On a 50 Ω load
Source impedance
50
Reference clock output
Frequency
10 to 12.52
MHz
Generated from the internal clock, user selectable
Voltage
800
mVpp
On a 50 Ω load
Power
2
dBm
On a 50 Ω load
Source impedance
50
AC coupled
External I/O trigger/marker
VIH
2
5
V
VIL
0
0.8
V
VOH
2.4
3.3
V
On a high Z load
VOL
0
0.25 V
On a high Z load
Input impedance
10
K Ω
Source impedance
TTL
Speed
100
MHz
1. (-CLV) option: 100 to 500 MSa/s; (-CLF) option: fixed 500 MSa/s
2. CLF option is set to 10 MHz while with CLV option varies from 12.5 MHz to 10 MHz
Table 2. Input/output specifications


Similar Part No. - M3302A-DM1

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M3302A KEYSIGHT-M3302A Datasheet
1Mb / 9P
   PXIe Digitizers with Optional Real-Time
M3302A KEYSIGHT-M3302A Datasheet
1,004Kb / 9P
   PXIe Digitizers with Optional Real-Time
M3302A KEYSIGHT-M3302A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3302A KEYSIGHT-M3302A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3302A KEYSIGHT-M3302A Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
More results

Similar Description - M3302A-DM1

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M3300A KEYSIGHT-M3300A_18 Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
M3300A KEYSIGHT-M3300A Datasheet
1Mb / 19P
   PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming
M3302A KEYSIGHT-M3302A_18 Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
M3201A KEYSIGHT-M3201A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3202A KEYSIGHT-M3202A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3100A KEYSIGHT-M3100A Datasheet
980Kb / 9P
   PXIe Digitizers with Optional Real-Time Sequencing and FPGA Programming
M3102A KEYSIGHT-M3102A Datasheet
1,004Kb / 9P
   PXIe Digitizers with Optional Real-Time Sequencing and FPGA Programming
M9336A KEYSIGHT-M9336A Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M3102A KEYSIGHT-M3102A_18 Datasheet
1,004Kb / 9P
   PXIe Digitizers with Optional Real-Time
M3100A KEYSIGHT-M3100A_18 Datasheet
1Mb / 9P
   PXIe Digitizers with Optional Real-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com