Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE4112K Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VRE4112K
Description  Low Cost, SOIC-8 Precision References
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE4112K Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VRE4112K Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE4112K Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE4112K Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE4112K Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE4112K Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE4112K Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE4112K Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
160
235
I
L = 8 mA
0.5
1.0
VRE4100B
± 0.025% ± 0.050%
VRE4100B
ppm/V
20
200
V
ref + 200mV
V
IN
5.5V
V
OUT/ VIN
Line Regulation (Note 6)
V
0.4
V
L
Logic Low Input Voltage
V
0.8
V
H
Logic High Input Voltage
nA
2
I
H
Logic High Input Current
nA
1
I
L
Logic Low Input Current
ppm
50
1000 Hours
V
OUT/T
Long Term Stability
µVp-p
2.2
0.1Hz<f<10Hz
E
n
Output Noise Voltage
(Note 4)
µs
2
To 0.01% of final value
T
ON
Turn-On Settling Time
mV
V
IN -VOUT
Dropout Voltage (Note 3)
1.5
3.0
VRE4100K
1.0
2.0
VRE4100C
± 0.040% ± 0.080%
VRE4100C/K
%
V
OUT
Output Voltage Error
(Note 1)
ppm/mA
1
20
1mA
I
Load
8mA
V
OUT/
I
OUT
Load Regulation (Note 6)
µA
230
320
V
load = 0mA
I
IN
Supply Current
ppm
20
Note 5
Temperature Hysterisis
ppm/°C
TCV
OUT
Output Voltage
Temperature Coefficient
(Note 2)
V
1.8
5.5
V
IN
UNITS
MIN
TYP
MAX
SYMBOL
CONDITIONS
Input Voltage
PARAMETER
ELECTRICAL SPECIFICATIONS
Vps =+3V for VRE4110 and VRE4112, Vps =+5V for VRE4125, VRE4125 and VRE4141. T = 25°C, I
load=1mA, Cout=1µF unless otherwise noted.
Notes:
1.
High temperature and mechanical stress can effect the initial accuracy of the VRE4100 series
references.See discussion on output accuracy.
2.
The temperature coefficient is determined by the box method. See discussion on temperature
performance. All units are 100% tested over temperature.
3.
The minimum input to output differential voltage at which the output voltage drops by 0.5% from nominal.
4.
Based on 1.024V output. Noise is linearly proportional to V
REF.
5.
Defined as change in 25°C output voltage after cycling device over operating temperature range.
6.
Line and load regulation are measured with pulses and do not include output voltage changes due to self
heating.
VRE4100DS REV. A MAY 01
ABSOLUTE MAXIMUM RATINGS
Power supply to any input pin ….…-0.3V to +5.6V
Output Short Circuit Duration …….…………....Indefinite
Operating Temp. (B,C) …………..……0°C to 70°C
ESD Susceptibility Human Body Model…….…..…..2kV
Operating Temp. (K)………………...-40°C to 85°C
ESD Susceptibility Machine Model ..………………200V
Storage Temperature Range……..-65°C to 150°C
Lead Temperature (soldering,10 sec)………...….260°C
www.thaler.com


Similar Part No. - VRE4112K

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE4112K CIRRUS-VRE4112K Datasheet
660Kb / 8P
   Precision Voltage Reference
More results

Similar Description - VRE4112K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1403 AD-AD1403 Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403N AD-AD1403N Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
logo
Linear Technology
LT580 LINER-LT580_15 Datasheet
332Kb / 4P
   PRECISION REFERENCES
logo
List of Unclassifed Man...
NPTB00004 ETC2-NPTB00004 Datasheet
953Kb / 10P
   Low cost, surface mount SOIC package
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
   PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
List of Unclassifed Man...
NPT1004 ETC2-NPT1004 Datasheet
541Kb / 6P
   Low cost, surface mount SOIC package
logo
Linear Technology
LT580 LINER-LT580 Datasheet
200Kb / 4P
   Precision References
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com