Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3300A-K32 Datasheet(PDF) 10 Page - Keysight Technologies

Part # M3300A-K32
Description  PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M3300A-K32 Datasheet(HTML) 10 Page - Keysight Technologies

Back Button M3300A-K32 Datasheet HTML 6Page - Keysight Technologies M3300A-K32 Datasheet HTML 7Page - Keysight Technologies M3300A-K32 Datasheet HTML 8Page - Keysight Technologies M3300A-K32 Datasheet HTML 9Page - Keysight Technologies M3300A-K32 Datasheet HTML 10Page - Keysight Technologies M3300A-K32 Datasheet HTML 11Page - Keysight Technologies M3300A-K32 Datasheet HTML 12Page - Keysight Technologies M3300A-K32 Datasheet HTML 13Page - Keysight Technologies M3300A-K32 Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10 | Keysight | M3300A PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming - Data Sheet
Angle modulators specifications
M3300A-C24
M3300A-C48
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Comments
General specifications
Frequency modulators
2
4
1 per output channel
Phase modulators
2
4
1 per output channel
Carrier signal source
FGs
FGs
Table 3 on page 8
Modulating signal source
AWGs
AWGs
Table 5 on page 9
Frequency modulators (16-bit modulating waveform)
Deviation
–Dev. gain
+Dev. gain
–Dev. gain
+Dev. gain
MHz
Modulating signal resolution
16
16
Bits
AWG waveform
Modulating signal BW
0
250
0
250
MHz
AWG Nyquist limit
Deviation gain
0
200
0
200
MHz
Deviation gain resolution
16
16
Bits
Frequency modulators (32-bit modulating waveform)
Deviation
–Dev. gain
+Dev. gain
–Dev. gain
+Dev. gain
MHz
Modulating signal resolution
32
32
Bits
AWG waveform
Modulating signal BW
0
50
0
50
MHz
AWG Nyquist limit
Deviation gain
0
200
0
200
MHz
Deviation gain resolution
16
16
Bits
Phase modulators (16-bit modulating waveform)
Deviation
–Dev. gain
+Dev. gain
–Dev. gain
+Dev. gain
Deg
Modulating signal resolution
16
16
Bits
AWG waveform
Modulating signal BW
0
250
0
250
MHz
AWG Nyquist limit
Deviation gain
0
180
0
180
Deg
Deviation gain resolution
16
16
Bits
~ 5.5 mdeg
Phase modulators (32-bit modulating waveform)
Deviation
–Dev. gin
+Dev. gain
–Dev. gain
+Dev. gain
Deg
Modulating signal resolution
16
16
Bits
AWG waveform is truncated
Modulating signal BW
0
50
0
50
MHz
AWG Nyquist limit
Deviation gain
0
180
0
180
Deg
Deviation gain resolution
16
16
Bits
~ 5.5 mdeg
Table 6. Angle modulators specifications


Similar Part No. - M3300A-K32

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M3300A-K32 KEYSIGHT-M3300A-K32 Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
More results

Similar Description - M3300A-K32

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M3302A KEYSIGHT-M3302A Datasheet
1Mb / 19P
   PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming
M3300A KEYSIGHT-M3300A_18 Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
M3302A KEYSIGHT-M3302A_18 Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
M3201A KEYSIGHT-M3201A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3202A KEYSIGHT-M3202A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3100A KEYSIGHT-M3100A Datasheet
980Kb / 9P
   PXIe Digitizers with Optional Real-Time Sequencing and FPGA Programming
M3102A KEYSIGHT-M3102A Datasheet
1,004Kb / 9P
   PXIe Digitizers with Optional Real-Time Sequencing and FPGA Programming
M9336A KEYSIGHT-M9336A Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M3102A KEYSIGHT-M3102A_18 Datasheet
1,004Kb / 9P
   PXIe Digitizers with Optional Real-Time
M3100A KEYSIGHT-M3100A_18 Datasheet
1Mb / 9P
   PXIe Digitizers with Optional Real-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com