Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3102A Datasheet(PDF) 2 Page - Keysight Technologies

Part # M3102A
Description  PXIe Digitizers with Optional Real-Time Sequencing and FPGA Programming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M3102A Datasheet(HTML) 2 Page - Keysight Technologies

  M3102A Datasheet HTML 1Page - Keysight Technologies M3102A Datasheet HTML 2Page - Keysight Technologies M3102A Datasheet HTML 3Page - Keysight Technologies M3102A Datasheet HTML 4Page - Keysight Technologies M3102A Datasheet HTML 5Page - Keysight Technologies M3102A Datasheet HTML 6Page - Keysight Technologies M3102A Datasheet HTML 7Page - Keysight Technologies M3102A Datasheet HTML 8Page - Keysight Technologies M3102A Datasheet HTML 9Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
02 | Keysight | M3102A PXIe Digitizer with Optional Real-Time Sequencing and FPGA Programming - Data Sheet
Improve Your Measurement Fidelity, Signal Integrity
and Measurement Throughput
The M3102A are high-performance, high-bandwidth digitizers with an advanced
data acquisition system (DAQ). Performance meets simplicity thanks to easy-to-use
programming libraries, real-time sequencing technology (Hard Virtual Instrumentation
or HVI), and graphical FPGA programming technology.
Features
500 MSa/s simultaneous sampling, 14 bits, 2/4 channels, 200 MHz BW
Advanced data acquisition system (DAQ)
– Flexible triggering (HW trigger, HVI trigger, SW trigger)
– Programmable cycles and data bursts to avoid PC saturation
Optional HW programming for high-performance applications
– Real-time sequencing (HVI technology)
– FPGA programming
– Xilinx Kintex-7, 325T or 410T FPGA
Up to 2 GB of onboard RAM (~ 1 Gsamples)
Mechanical/interface
– 1 slot 3U (PXIe)
– Up to 200 MB/s transfer BW with P2P capabilities
– Independent DMA channels for fast and efficient data transfer
Applications
General purpose digitizer
BB electronics designs and manufacturing in wireless devices
R&D/scientific research equipment
Aerospace & defense (A/D), angle of arrival (AoA)


Similar Part No. - M3102A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M3102A KEYSIGHT-M3102A Datasheet
1Mb / 9P
   PXIe Digitizers with Optional Real-Time
M3102A KEYSIGHT-M3102A Datasheet
1,004Kb / 9P
   PXIe Digitizers with Optional Real-Time
M3102A KEYSIGHT-M3102A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3102A KEYSIGHT-M3102A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3102A KEYSIGHT-M3102A Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
More results

Similar Description - M3102A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M3100A KEYSIGHT-M3100A Datasheet
980Kb / 9P
   PXIe Digitizers with Optional Real-Time Sequencing and FPGA Programming
M3300A KEYSIGHT-M3300A_18 Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
M3302A KEYSIGHT-M3302A_18 Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
M3302A KEYSIGHT-M3302A Datasheet
1Mb / 19P
   PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming
M3102A KEYSIGHT-M3102A_18 Datasheet
1,004Kb / 9P
   PXIe Digitizers with Optional Real-Time
M3300A KEYSIGHT-M3300A Datasheet
1Mb / 19P
   PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming
M3100A KEYSIGHT-M3100A_18 Datasheet
1Mb / 9P
   PXIe Digitizers with Optional Real-Time
M3201A KEYSIGHT-M3201A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3202A KEYSIGHT-M3202A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
logo
ATMEL Corporation
ATDH2200E ATMEL-ATDH2200E Datasheet
131Kb / 6P
   FPGA Configurator Programming Kit (Enhanced)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com