Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3102A Datasheet(PDF) 5 Page - Keysight Technologies

Part # M3102A
Description  PXIe Digitizers with Optional Real-Time Sequencing and FPGA Programming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M3102A Datasheet(HTML) 5 Page - Keysight Technologies

  M3102A Datasheet HTML 1Page - Keysight Technologies M3102A Datasheet HTML 2Page - Keysight Technologies M3102A Datasheet HTML 3Page - Keysight Technologies M3102A Datasheet HTML 4Page - Keysight Technologies M3102A Datasheet HTML 5Page - Keysight Technologies M3102A Datasheet HTML 6Page - Keysight Technologies M3102A Datasheet HTML 7Page - Keysight Technologies M3102A Datasheet HTML 8Page - Keysight Technologies M3102A Datasheet HTML 9Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
05 | Keysight | M3102A PXIe Digitizer with Optional Real-Time Sequencing and FPGA Programming - Data Sheet
Input specifications
Specifications summary
M3102A-CH2
M3102A-CH4
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Comments
Inputs and outputs
Channels
2
4
Out
Reference clock 1
1
1
Out
Reference clock 2
1
1
In
Triggers/markers 1, 3
1
1
In/out
Reconfigurable
Triggers/markers 2, 3
8
8
In/out
Reconfigurable
Input channels overview
Sampling rate 4
500
500
MSa/s
Voltage resolution
14
14
Bits
Input frequency
0
200
0
200
MHz
Real-time BW
200
200
MHz
Time skew
< 50
< 50
ps
Between channels
Built-in functionalities
Input conditioning blocks
2
4
1 per channel
Analog trigger processors
2
4
1 per channel
Data acquisition blocks
2
4
1 per channel
Onboard memory
RAM memory
16
2048
16
2048 MBytes
1. At front panel
2. At backplane
3. Markers available from firmware version v3.0 or later
4. 100 to 500 MSa/s (-CLV) option with variable sampling clock
Table 1. General specifications


Similar Part No. - M3102A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M3102A KEYSIGHT-M3102A Datasheet
1Mb / 9P
   PXIe Digitizers with Optional Real-Time
M3102A KEYSIGHT-M3102A Datasheet
1,004Kb / 9P
   PXIe Digitizers with Optional Real-Time
M3102A KEYSIGHT-M3102A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3102A KEYSIGHT-M3102A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3102A KEYSIGHT-M3102A Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
More results

Similar Description - M3102A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M3100A KEYSIGHT-M3100A Datasheet
980Kb / 9P
   PXIe Digitizers with Optional Real-Time Sequencing and FPGA Programming
M3300A KEYSIGHT-M3300A_18 Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
M3302A KEYSIGHT-M3302A_18 Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
M3302A KEYSIGHT-M3302A Datasheet
1Mb / 19P
   PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming
M3102A KEYSIGHT-M3102A_18 Datasheet
1,004Kb / 9P
   PXIe Digitizers with Optional Real-Time
M3300A KEYSIGHT-M3300A Datasheet
1Mb / 19P
   PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming
M3100A KEYSIGHT-M3100A_18 Datasheet
1Mb / 9P
   PXIe Digitizers with Optional Real-Time
M3201A KEYSIGHT-M3201A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3202A KEYSIGHT-M3202A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
logo
ATMEL Corporation
ATDH2200E ATMEL-ATDH2200E Datasheet
131Kb / 6P
   FPGA Configurator Programming Kit (Enhanced)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com