Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5382-82101 Datasheet(PDF) 9 Page - Keysight Technologies

Part # E5382-82101
Description  Probing Solutions for Logic Analyzers
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E5382-82101 Datasheet(HTML) 9 Page - Keysight Technologies

Back Button E5382-82101 Datasheet HTML 5Page - Keysight Technologies E5382-82101 Datasheet HTML 6Page - Keysight Technologies E5382-82101 Datasheet HTML 7Page - Keysight Technologies E5382-82101 Datasheet HTML 8Page - Keysight Technologies E5382-82101 Datasheet HTML 9Page - Keysight Technologies E5382-82101 Datasheet HTML 10Page - Keysight Technologies E5382-82101 Datasheet HTML 11Page - Keysight Technologies E5382-82101 Datasheet HTML 12Page - Keysight Technologies E5382-82101 Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
09 | Keysight | Probing Solutions for Logic Analyzers - Data Sheet
Selecting the Optimum Probing Strategy
What is the best way to probe your signals, given their unique characteristics?
Available probing options for all Keysight logic analyzers
Connectorless
Connector Samtec
Connection to the
target system
Requires appropriate pro series soft touch or original soft touch
footprint designed into the target system. Retention module is
used for alignment and mechanical retention only.
Requires 100-pin Samtec connector designed into the target
system
Advantages
– Reduces cost and shortens the design cycle by eliminating
a connector
– Eliminates the capacitive loading of a connector, which
gives you the lowest-loading (less than 0.7 pF),
highest-performance (> 2.5 Gb/s rate) logic analyzer
probing option available
– Pliable micro spring-pin design with four-point crown tip
allows you to easily attach and get a reliable, repeatable
contact even for contaminated or uneven board surfaces
– Flow through signal routing streamlines design flow and
maintains differential pair spacing to ensure constant
differential-mode impedance and virtually eliminate stubs
– Acquire high-speed single-ended or differential signals
without impacting the performance of your circuit, while
providing an accurate representation to the logic analyzer
– Provides ability to attach retention module to probe and
browse multiple signals by pressing the probe against the
target device
– Compatible with all board finishes, including lead free
– High-performance connector solution (1.5 pF loading,
1.5 Gb/s data rate)
– Supports single-ended and differential signals
– 3 times the performance and half the loading of Mictor
solution
Disadvantages
– Requires up-front design of probe footprint on PCB
– Added cost to include connector
– Requires up-front design of connector on PCB


Similar Part No. - E5382-82101

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E5382-82101 KEYSIGHT-E5382-82101 Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5382-82101 KEYSIGHT-E5382-82101 Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
More results

Similar Description - E5382-82101

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
5968-4632E KEYSIGHT-5968-4632E Datasheet
4Mb / 77P
   Probing Solutions for Logic Analyzers
E5339A KEYSIGHT-E5339A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5346A KEYSIGHT-E5346A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
   Portable Logic Analyzers
logo
List of Unclassifed Man...
TLA7000 ETC2-TLA7000 Datasheet
1Mb / 22P
   TLA7000 Logic Analyzers
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
List of Unclassifed Man...
SDUFD2AB-4096 ETC2-SDUFD2AB-4096 Datasheet
1,005Kb / 2P
   Solutions for Storage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com