Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16517-82109 Datasheet(PDF) 6 Page - Keysight Technologies

Part # 16517-82109
Description  Probing Solutions for Logic Analyzers
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

16517-82109 Datasheet(HTML) 6 Page - Keysight Technologies

Back Button 16517-82109 Datasheet HTML 2Page - Keysight Technologies 16517-82109 Datasheet HTML 3Page - Keysight Technologies 16517-82109 Datasheet HTML 4Page - Keysight Technologies 16517-82109 Datasheet HTML 5Page - Keysight Technologies 16517-82109 Datasheet HTML 6Page - Keysight Technologies 16517-82109 Datasheet HTML 7Page - Keysight Technologies 16517-82109 Datasheet HTML 8Page - Keysight Technologies 16517-82109 Datasheet HTML 9Page - Keysight Technologies 16517-82109 Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
06 | Keysight | Probing Solutions for Logic Analyzers - Data Sheet
Samtec probes
Mictor probes
General purpose flying lead sets
Model number
E5378A
E5379A
E5380B
E5382B
E5381B
Application
Quick connection to many channels in a small footprint
Flexible connection to many signals
Number of
channels
34
32 data, 2 clocks
17
16 data, 1 clock
34
32 data, 2 clocks
17
16 data, 1 clock
17
16 data, 1 clock
Supported signal
types
Differential or
single-ended clock single-
ended data
Differential or
single-ended clock
and or data
Single-ended clock
single-ended data
Differential or
single-ended clock
single-ended data
Differential or single-
ended clock and or data
Maximum data
rate
1.5 Gb/s
1.5 Gb/s
600 Mb/s
1.5 Gb/s
1.5 Gb/s
Minimum signal
amplitude
250 mV
p-p
V
max - Vmin
200 mV
300 mV
p-p
250 mV
p-p
V
max - Vmin
200 mV
Connection to
target system
Requires 100-pin Samtec
connector designed into the
target system
Requires 100-pin
Samtec connector
designed into the
target system
Requires 38-pin Mictor
connector designed into
the target system
Compatible with a
wide assortment
of accessories to
connect to individual
leads
Compatible with a
wide assortment of
accessories to connect to
individual leads
Input capacitance 1.5 pF
1.5 pF
3.0 pf
1.3 pF
0.9 pF
Additional
supplies
See Table 4 page 34 for shrouds and pc board connectors
See Table 1 (page 10) See Figure 4.4 (page 13)
Number of probes
required per
U4201A cable
1
2
1
2
2
Probe Selection Guide for All Keysight Logic Analyzers (Continued)
Logic analyzer compatibility
– U4164A, U4154A/B
– 16850A Series
– 16962A, 16951B, 16950A/B
– 16760A, 16756A, 16755A, 16754A, 16753A
Note: U4201A logic analyzer cable(s) are required when using 90-pin probes with the U4164A, U4154A/B or 16850A Series logic analyzers.


Similar Part No. - 16517-82109

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
16517-82109 KEYSIGHT-16517-82109 Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
16517-82109 KEYSIGHT-16517-82109 Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
More results

Similar Description - 16517-82109

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
5968-4632E KEYSIGHT-5968-4632E Datasheet
4Mb / 77P
   Probing Solutions for Logic Analyzers
E5346A KEYSIGHT-E5346A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5351A KEYSIGHT-E5351A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
   Portable Logic Analyzers
logo
List of Unclassifed Man...
TLA7000 ETC2-TLA7000 Datasheet
1Mb / 22P
   TLA7000 Logic Analyzers
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
List of Unclassifed Man...
SDUFD2AB-4096 ETC2-SDUFD2AB-4096 Datasheet
1,005Kb / 2P
   Solutions for Storage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com