Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16861A-016 Datasheet(PDF) 7 Page - Keysight Technologies

Part # 16861A-016
Description  Portable Logic Analyzers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

16861A-016 Datasheet(HTML) 7 Page - Keysight Technologies

Back Button 16861A-016 Datasheet HTML 3Page - Keysight Technologies 16861A-016 Datasheet HTML 4Page - Keysight Technologies 16861A-016 Datasheet HTML 5Page - Keysight Technologies 16861A-016 Datasheet HTML 6Page - Keysight Technologies 16861A-016 Datasheet HTML 7Page - Keysight Technologies 16861A-016 Datasheet HTML 8Page - Keysight Technologies 16861A-016 Datasheet HTML 9Page - Keysight Technologies 16861A-016 Datasheet HTML 10Page - Keysight Technologies 16861A-016 Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
07 | Keysight | 16860A Series Portable Logic Analyzers - Data Sheet
16860A Series Logic Analyzer Specifications and Characteristics
State (synchronous) sampling mode
16861A
16862A
16863A
16864A
Channels
34
(32 data and
2 clock)
68
(64 data and
4 clock)
102
(96 data and
6 clock)
136
(128 data and
8 clock)
Sampling option: Single clock
Clock (clock is on Pod 1)
1
1
1
1
Clock qualifiers
1
3
4
4
Reset qualifier
0
0
0
1
Sampling option: Multiple clocks
Clocks or clock qualifiers
2
4
4
4
Reset qualifier
0
0
0
0
Clock channels can be used as data channels.
The state sampling clock mode specifies how the clock inputs are used for sampling. The
availability of these state sampling clock modes depends on the state sampling option that you
select.
– Master - All pods sampled by the master clock definition.
– In single clock mode, only the clock signal on Pod 1 can be used.
– In multiple clocks, either a single clock signal can be used or a combination of clocks
can be used.
– Dual sample - In the dual sample clock mode, you can capture two samples per clock
edge with two different threshold offsets and separate sampling positions. These separate
threshold offsets and sampling positions allow you to set independent thresholds and
sampling positions for Read and Write in DDR/LPDDR captures and for Rising and Falling
edge in general-purpose data captures.
– Master/slave - Master pod is sampled on master clock and slave pod is sampled on slave
clock, but the captured data of both slave and master clocks is saved together when the
master clock occurs.
– Demux - Data being probed by one pod is demultiplexed into the logic analyzer memory
that is normally used for two pods. The demultiplex mode uses the master and slave clocks
to demultiplex the data.
350 MHz
(Base configuration)
700 MHz
(Option 700)
350 MHz
(Base configuration)
Sampling option
Single clock
Single clock
Multiple clocks
Available clock modes
Master
Master
Master
Dual sample
Dual sample
Master/slave
Demux
Maximum state data
rate (spec) 1
Captures data up to
350 Mbps on either edge
of a clock up to 350 MHz
Captures data up to
700 Mbps on either edge
of the clock up to
700 MHz
Captures data up to
700 Mbps on any
combination of multiple
clocks up to 350 MHz
Captures data up to
700 Mbps on both edges
of a clock up to 350 MHz
Captures data up to
1400 Mbps on both
edges of the clock up to
700 MHz
Maximum state clock
frequency
350 MHz
700 MHz
350 MHz
Minimum state clock
frequency
12.5 MHz (single edge),
6.25 MHz (both edges)
12.5 MHz (single edge),
6.25 MHz (both edges)
0 MHz
Minimum time between
active clock edges
1430 ps
715 ps
1430 ps
Maximum trigger
sequencer speed
700 MHz
1400 MHz
700 MHz
1. Specification (spec): Represents warranted performance of a calibrated instrument that has been stored for a
minimum of 2 hours within the operating temperature range of 5 to 40 °C, unless otherwise stated, and after
a 45-minute warm-up period. The specifications include measurement uncertainty.


Similar Part No. - 16861A-016

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1686128 YAGEO-1686128 Datasheet
465Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - 16861A-016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
TLA7000 ETC2-TLA7000 Datasheet
1Mb / 22P
   TLA7000 Logic Analyzers
logo
Keysight Technologies
5968-4632E KEYSIGHT-5968-4632E Datasheet
4Mb / 77P
   Probing Solutions for Logic Analyzers
E5351A KEYSIGHT-E5351A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5339A KEYSIGHT-E5339A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5346A KEYSIGHT-E5346A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
Agilent(Hewlett-Packard...
E7400A HP-E7400A Datasheet
191Kb / 8P
   EMC Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com