Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2FL12CA Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S2FL12CA
Description  5V ~ 220V 200W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2FL12CA Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S2FL12CA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2FL12CA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2FL12CA Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S2FL12CA Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
S2FL SERIES
5V ~ 220V
200W Peak Power Surface Mount TVS
10-Feb-2017 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (Rating TA=25°C unless otherwise specified)
Breakdown
Voltage VBR @ IT
Part Number
Marking Code
Reverse
Stand-Off
Voltage
Min
Max
Test
Current
Maximum
Clamping
Voltage
VC @IPP
Peak
Pulse
Current
Reverse
Leakage
IR @VRWM
Directional
Directional
VRWM
VBR
IT
VC
IPP
IR
Uni
Bi
Uni
Bi
V
V
V
mA
V
A
μA
S2FL5.0A
S2FL 5.0CA
FE
KE
5.0
6.4
7
10
9.2
21.74
400
S2FL 6.0A
S2FL6.0CA
FG
KG
6.0
6.67
7.37
10
10.3
19.42
400
S2FL6.5A
S2FL6.5CA
FK
KK
6.5
7.22
7.98
10
11.2
17.86
250
S2FL7.0A
S2FL7.0CA
FM
KM
7.0
7.78
8.6
10
12
16.67
100
S2FL7.5A
S2FL7.5CA
FP
KP
7.5
8.33
9.21
1
12.9
15.5
50
S2FL8.0A
S2FL8.0CA
FR
KR
8.0
8.89
9.83
1
13.6
14.71
25
S2FL8.5A
S2FL8.5CA
FT
KT
8.5
9.44
10.4
1
14.4
13.89
10
S2FL9.0A
S2FL9.0CA
FV
KV
9.0
10
11.1
1
15.4
12.99
5
S2FL10A
S2FL10CA
FX
KX
10
11.1
12.3
1
17
11.76
2.5
S2FL11A
S2FL11CA
FZ
KZ
11
12.2
13.5
1
18.2
10.99
2.5
S2FL12A
S2FL12CA
HE
LE
12
13.3
14.7
1
19.9
10.05
2.5
S2FL13A
S2FL13CA
HG
LG
13
14.4
15.9
1
21.5
9.3
1
S2FL14A
S2FL14CA
HK
LK
14
15.6
17.2
1
23.2
8.62
1
S2FL15A
S2FL15CA
HM
LM
15
16.7
18.5
1
24.4
8.2
1
S2FL16A
S2FL16CA
HP
LP
16
17.8
19.7
1
26
7.69
1
S2FL17A
S2FL17CA
HR
LR
17
18.9
20.9
1
27.6
7.25
1
S2FL18A
S2FL18CA
HT
LT
18
20
22.1
1
29.2
6.85
1
S2FL19A
S2FL19CA
HB
LB
19
21.1
23.3
1
30.6
6.54
1
S2FL20A
S2FL20CA
HV
LV
20
22.2
24.5
1
32.4
6.17
1
S2FL22A
S2FL22CA
HX
LX
22
24.4
26.9
1
35.5
5.63
1
S2FL24A
S2FL24CA
HZ
LZ
24
26.7
29.5
1
38.9
5.14
1
S2FL26A
S2FL26CA
JE
ME
26
28.9
31.9
1
42.1
4.75
1
S2FL28A
S2FL28CA
JG
MG
28
31.1
34.4
1
45.4
4.41
1
S2FL30A
S2FL30CA
JK
MK
30
33.3
36.8
1
48.4
4.13
1
S2FL33A
S2FL33CA
JM
MM
33
36.7
40.6
1
53.3
3.75
1
S2FL36A
S2FL36CA
JP
MP
36
40
44.2
1
58.1
3.44
1
S2FL40A
S2FL40CA
JR
MR
40
44.4
49.1
1
64.5
3.1
1
S2FL43A
S2FL43CA
JT
MT
43
47.8
52.8
1
69.4
2.88
1
S2FL45A
S2FL45CA
JV
MV
45
50
55.3
1
72.7
2.75
1


Similar Part No. - S2FL12CA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S2F SEMTECH-S2F Datasheet
190Kb / 4P
   RECTIFIER, up to 1kV, 2A, 150-500ns
logo
List of Unclassifed Man...
S2F ETC2-S2F Datasheet
200Kb / 5P
   Medium Capacity Standard Size Toggles
logo
PANDUIT CORP.
S2F-C PANDUIT-S2F-C Datasheet
64Kb / 1P
   Panduct Snap-Clip Mounting Brackets
More results

Similar Description - S2FL12CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSDJ SECOS-SSDJ Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
   200W Peak Power TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com