Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTGL10ARR27M1B51B0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # PTGL10ARR27M1B51B0
Description  PTC thermistors lead type 16V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTGL10ARR27M1B51B0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  PTGL10ARR27M1B51B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PTGL10ARR27M1B51B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PTGL10ARR27M1B51B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of PTGL10ARR27M1B51B0 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=PTGL10ARR27M1B51B0
PTGL10ARR27M1B51B0
Appearance & Shape
Applications
Limited Usage
Consumer Grade
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
B0
Bulk(Bag)
300
Features
1. Best suited to meet the requirements for power supplies and
motor protection. Error-free operation is assured by rush current.
2. Circuit is protected until current is turned off.
3. Restores the original low resistance value automatically once the
overload is removed.
4. Non-contact design leads to long life and no noise.
Durable and strong against mechanical vibration and shock
because it is a solid element.
1 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/09/21


Similar Part No. - PTGL10ARR27M1B51B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL10ARR27M1B51B0 MURATA-PTGL10ARR27M1B51B0 Datasheet
1Mb / 103P
   PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
logo
Murata Manufacturing Co...
PTGL10ARR27M1B51B0 MURATA1-PTGL10ARR27M1B51B0 Datasheet
465Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL10ARR27M1B51B0 MURATA1-PTGL10ARR27M1B51B0 Datasheet
503Kb / 3P
   PTC Thermistors
02/08/2024
PTGL10ARR27M1B51B0 MURATA1-PTGL10ARR27M1B51B0_V01 Datasheet
465Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL10ARR27M1B51B0 MURATA1-PTGL10ARR27M1B51B0_V02 Datasheet
503Kb / 3P
   PTC Thermistors
02/08/2024
More results

Similar Description - PTGL10ARR27M1B51B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL12AR0R2M1B51B0 MURATA-PTGL12AR0R2M1B51B0 Datasheet
245Kb / 3P
   PTC thermistors lead type 16V
PTGL12AR0R2M1B51A0 MURATA-PTGL12AR0R2M1B51A0 Datasheet
245Kb / 3P
   PTC thermistors lead type 16V
PTGL07AR4R6H2B51A0 MURATA-PTGL07AR4R6H2B51A0 Datasheet
241Kb / 3P
   PTC thermistors lead type 30V
PTGL07AR220M3P51B0 MURATA-PTGL07AR220M3P51B0 Datasheet
244Kb / 3P
   PTC thermistors lead type 56V
PTGL07BD100N2B51A0 MURATA-PTGL07BD100N2B51A0 Datasheet
242Kb / 3P
   PTC thermistors lead type 24V
PTGL07BD330N3B51A0 MURATA-PTGL07BD330N3B51A0 Datasheet
243Kb / 3P
   PTC thermistors lead type 32V
PTGL07BD330N3B51B0 MURATA-PTGL07BD330N3B51B0 Datasheet
247Kb / 3P
   PTC thermistors lead type 32V
PTGL09AR150M3B51A0 MURATA-PTGL09AR150M3B51A0 Datasheet
248Kb / 3P
   PTC thermistors lead type 56V
PTGL09BD3R3N2B51A0 MURATA-PTGL09BD3R3N2B51A0 Datasheet
244Kb / 3P
   PTC thermistors lead type 24V
PTGL10AR3R9M3P51A0 MURATA-PTGL10AR3R9M3P51A0 Datasheet
243Kb / 3P
   PTC thermistors lead type 56V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com