Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTGL07BD470N3B51A0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PTGL07BD470N3B51A0
Description  PTC thermistors lead type 32V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTGL07BD470N3B51A0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PTGL07BD470N3B51A0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PTGL07BD470N3B51A0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PTGL07BD470N3B51A0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of PTGL07BD470N3B51A0 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=PTGL07BD470N3B51A0
PTGL07BD470N3B51A0
Specifications
Max. Voltage
32V
Hold Current
30mA
Measure Condition of Hold Current
(at
+60
)
Hold Current (2)
55mA
Measure Condition of Hold Current (2) (at
+25
)
Trip Current
115mA
Measure Condition of Trip Current
(at
+25
)
Trip Current(2)
140mA
Measure Condition of Trip Current(2)
(at -
10
)
Max. Current
1.5A
Resistance
(25
)
47Ω
Resistance Value Tolerance (at
25
)
±30%
Power Consumption(typ)
1W
Operating Temperature Range
-
10
to
60
D: Outer Dimension
7.4mm
Thickness
4mm
F: Lead Space
5mm
d: Lead Diameter
0.6mm
Shape
Lead
Mass
0.49g
2 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/09/25


Similar Part No. - PTGL07BD470N3B51A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL07BD470N3B51A0 MURATA-PTGL07BD470N3B51A0 Datasheet
1Mb / 103P
   PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
logo
Murata Manufacturing Co...
PTGL07BD470N3B51A0 MURATA1-PTGL07BD470N3B51A0 Datasheet
394Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07BD470N3B51A0 MURATA1-PTGL07BD470N3B51A0 Datasheet
436Kb / 3P
   PTC Thermistors
02/05/2024
PTGL07BD470N3B51A0 MURATA1-PTGL07BD470N3B51A0_V01 Datasheet
394Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07BD470N3B51A0 MURATA1-PTGL07BD470N3B51A0_V02 Datasheet
436Kb / 3P
   PTC Thermistors
02/05/2024
More results

Similar Description - PTGL07BD470N3B51A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL07BD220N3B51B0 MURATA-PTGL07BD220N3B51B0 Datasheet
242Kb / 3P
   PTC thermistors lead type 32V
PTGL07BD220N3B51A0 MURATA-PTGL07BD220N3B51A0 Datasheet
242Kb / 3P
   PTC thermistors lead type 32V
PTGL07BD470N3B51B0 MURATA-PTGL07BD470N3B51B0 Datasheet
241Kb / 3P
   PTC thermistors lead type 32V
PTGL07BD330N3B51A0 MURATA-PTGL07BD330N3B51A0 Datasheet
243Kb / 3P
   PTC thermistors lead type 32V
PTGL07BD330N3B51B0 MURATA-PTGL07BD330N3B51B0 Datasheet
247Kb / 3P
   PTC thermistors lead type 32V
PTGL07BD150N3B51B0 MURATA-PTGL07BD150N3B51B0 Datasheet
242Kb / 3P
   PTC thermistors lead type 32V
PTGL07BD150N3B51A0 MURATA-PTGL07BD150N3B51A0 Datasheet
242Kb / 3P
   PTC thermistors lead type 32V
PTGL07AR4R6H2B51A0 MURATA-PTGL07AR4R6H2B51A0 Datasheet
241Kb / 3P
   PTC thermistors lead type 30V
PTGL07AR220M3P51B0 MURATA-PTGL07AR220M3P51B0 Datasheet
244Kb / 3P
   PTC thermistors lead type 56V
PTGL07BD100N2B51A0 MURATA-PTGL07BD100N2B51A0 Datasheet
242Kb / 3P
   PTC thermistors lead type 24V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com