Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4832N Datasheet(PDF) 1 Page - Analog Power

Part # AM4832N
Description  N-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4832N Datasheet(HTML) 1 Page - Analog Power

  AM4832N Datasheet HTML 1Page - Analog Power AM4832N Datasheet HTML 2Page - Analog Power AM4832N Datasheet HTML 3Page - Analog Power AM4832N Datasheet HTML 4Page - Analog Power AM4832N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM4832N
N-Channel 30-V (D-S) MOSFET
VDS (V)
ID (A)
26
23
Symbol
Limit
Units
VDS
30
VGS
±20
TA=25°C
26
TA=70°C
22
IDM
100
IS
5
A
TA=25°C
3.1
TA=70°C
2.2
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
40
80
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Gate-Source Voltage
PRODUCT SUMMARY
30
rDS(on) (mΩ)
3.2 @ VGS = 10V
4.2 @ VGS = 4.5V
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Continuous Drain Current
a
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• DC/DC Conversion
• Power Routing
• Motor Drives
© Preliminary
1
Publication Order Number:
DS_AM4832N_1A


Similar Part No. - AM4832N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4830NS ANALOGPOWER-AM4830NS Datasheet
224Kb / 5P
   N-Channel 30-V (D-S) MOSFET
AM4835EP ANALOGPOWER-AM4835EP Datasheet
253Kb / 6P
   P-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4835EP DOINGTER-AM4835EP Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM4835P ANALOGPOWER-AM4835P Datasheet
369Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4835P DOINGTER-AM4835P Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - AM4832N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com