Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4544C Datasheet(PDF) 7 Page - Analog Power

Part # AM4544C
Description  N & P-Channel 40-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4544C Datasheet(HTML) 7 Page - Analog Power

  AM4544C Datasheet HTML 1Page - Analog Power AM4544C Datasheet HTML 2Page - Analog Power AM4544C Datasheet HTML 3Page - Analog Power AM4544C Datasheet HTML 4Page - Analog Power AM4544C Datasheet HTML 5Page - Analog Power AM4544C Datasheet HTML 6Page - Analog Power AM4544C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Analog Power
AM4544C
Package Information
Note:
1.
All Dimension Are In mm.
2.
Package Body Sizes Exclude Mold Flash, Protrusion Or Gate Burrs. Mold Flash, Protrusion Or Gate Burrs Shall
Not Exceed 0.10 mm Per Side.
3.
Package Body Sizes Determined At The Outermost Extremes Of The Plastic Body Exclusive Of Mold Flash, Tie
Bar Burrs, Gate Burrs And Interlead Flash, But Including Any Mismatch Between The Top And Bottom Of The
Plastic Body.
4.
The Package Top May Be Smaller Than The Package Bottom.
5.
Dimension "B" Does Not Include Dambar Protrusion. Allowable Dambar Protrusion Shall Be 0.08 mm Total In
Excess Of "B" Dimension At Maximum Material Condition. The Dambar Cannot Be Located On The Lower Radius
Of The Foot.
© Preliminary
7
Publication Order Number:
DS_AM4544C_1A


Similar Part No. - AM4544C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4540C ANALOGPOWER-AM4540C Datasheet
168Kb / 3P
   P & N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4540C-T1-PF VBSEMI-AM4540C-T1-PF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM4541C ANALOGPOWER-AM4541C Datasheet
496Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4541C-T1-PF VBSEMI-AM4541C-T1-PF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM4541CE ANALOGPOWER-AM4541CE Datasheet
565Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
More results

Similar Description - AM4544C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4541CE ANALOGPOWER-AM4541CE Datasheet
565Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
AM7542C ANALOGPOWER-AM7542C Datasheet
487Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
AMD540CE ANALOGPOWER-AMD540CE Datasheet
372Kb / 7P
   P & N-Channel 40-V (D-S) MOSFET
AM4540C ANALOGPOWER-AM4540C Datasheet
168Kb / 3P
   P & N-Channel 40-V (D-S) MOSFET
AM4542C ANALOGPOWER-AM4542C Datasheet
265Kb / 7P
   P & N-Channel 40-V (D-S) MOSFET
logo
Bruckewell Technology L...
MS4541C BWTECH-MS4541C Datasheet
964Kb / 9P
   N P-Channel 40-V (D-S) MOSFET
MSA4P21 BWTECH-MSA4P21 Datasheet
587Kb / 6P
   N P-Channel 40-V (D-S) MOSFET
logo
Analog Power
AM4545C ANALOGPOWER-AM4545C Datasheet
545Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
AM3548C ANALOGPOWER-AM3548C Datasheet
184Kb / 3P
   N & P-Channel 40-V (D-S) MOSFET
AM4543C ANALOGPOWER-AM4543C Datasheet
502Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com