Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TT330N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TT330N
Description  Phase Control Thyristor Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TT330N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TT330N Datasheet HTML 1Page - List of Unclassifed Manufacturers TT330N Datasheet HTML 2Page - List of Unclassifed Manufacturers TT330N Datasheet HTML 3Page - List of Unclassifed Manufacturers TT330N Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technische Information / Technical Information
Netz-Thyristor-Modul
Phase Control Thyristor Module
TT 330 N 12...16
N
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
Periodische Vorwärts- und Rückwärts-Spitzensperrspannung
Tvj = - 40°C...Tvj max
VDRM, VRRM
1200, 1400
V
repetitive peak forward off-state and reverse voltages
1600
V
Vorwärts-Stoßspitzensperrspannung
Tvj = - 40°C...Tvj max
VDSM
1200, 1400
V
non-repetitive peak forward off-state voltage
1600
V
Rückwärts-Stoßspitzensperrspannung
Tvj = + 25°C...Tvj max
VRSM
1300, 1500
V
non-repetitive peak reverse voltage
1700
V
Durchlaßstrom-Grenzeffektivwert
ITRMSM
520
A
RMS on-state current
Dauergrenzstrom
TC = 85°C
ITAVM
330
A
average on-state current
Stoßstrom-Grenzwert
Tvj = 25°C, tp = 10ms
ITSM
9100
A
surge current
Tvj = Tvj max, tp = 10ms
8000
A
Grenzlastintegral
Tvj = 25°C, tp = 10ms
I²t
414000
A²s
I²t-value
Tvj = Tvj max, tp = 10ms
320000
A²s
Kritische Stromsteilheit
DIN IEC 747-6
(diT/dt)cr
250
A/µs
critical rate of rise of on-state current
f = 50Hz, iGM = 1A, diG/dt = 1A/µs
Kritische Spannungssteilheit
Tvj = Tvj max, vD = 0,67 VDRM
(dvD/dt)cr
critical rate of rise of off-state voltage
6. Kennbuchstabe / 6th letter F
1000
V/µs
Charakteristische Werte / Characteristic values
Durchlaßspannung
Tvj = Tvj max, iT = 800A
vT
max.
1,44
V
on-state voltage
Schleusenspannung
Tvj = Tvj max
V(TO)
0,8
V
threshold voltage
Ersatzwiderstand
Tvj = Tvj max
rT
0,6
m
slope resistance
Zündstrom
Tvj = 25°C, vD = 6V
IGT
max.
200
mA
gate trigger current
Zündspannung
Tvj = 25°C, vD = 6V
VGT
max.
2,0
V
gate trigger voltage
Nicht zündender Steuerstrom
Tvj = Tvj max, vD = 6V
IGD
max.
10
mA
gate non-trigger current
Tvj = Tvj max, vD = 0,5 VDRM
max.
5
mA
Nicht zündende Steuerspannung
Tvj = Tvj max, vD = 0,5 VDRM
VGD
max.
0,2
V
gate non-trigger voltage
Haltestrom
Tvj = 25°C, vD = 6V, RA = 5Ω
IH
max.
300
mA
holding current
Einraststrom
Tvj = 25°C, vD = 6V, RGK
≥ 10Ω
IL
max.
1200
mA
latching current
iGM = 1A, diG/dt = 1A/µs, tG = 20µs
Vorwärts- und Rückwärts-Sperrstrom
Tvj = Tvj max
iD, iR
max.
70
mA
forward off-state and reverse currents
vD = VDRM, vR = VRRM
Zündverzug
DIN IEC 747-6
tgd
max.
3,0
µs
gate controlled delay time
Tvj = 25°C, iGM = 1A, diG/dt = 1A/µs
Freiwerdezeit
Tvj = Tvj max, iTM = 350A
tq
circuit commutated turn-off time
vRM = 100V, VDM = 0,67 VDRM
dvD/dt = 20V/µs, -diT/dt = 10A/µs
5. Kennbuchstabe / 5th letter O
typ.
250
µs
Isolations-Prüfspannung
RMS, f = 50Hz, t = 1min
VISOL
3,0
kV
insulation test voltage
RMS, f = 50Hz, t = 1sec
3,6
kV
MOD-MA; R. Jörke
27. Nov 97
A 122/97
Seite/page 1(4)


Similar Part No. - TT330N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TT330N EUPEC-TT330N Datasheet
577Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TT330N INFINEON-TT330N Datasheet
502Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TT330N16AOF INFINEON-TT330N16AOF Datasheet
665Kb / 11P
   TT330N16AOF
Revision: 3.5
TT330N16KOF INFINEON-TT330N16KOF Datasheet
427Kb / 11P
   Pressure contact technology for high reliability
logo
List of Unclassifed Man...
TT330N ETC2-TT330N_1 Datasheet
414Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
More results

Similar Description - TT330N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TT570N EUPEC-TT570N Datasheet
409Kb / 13P
   Phase Control Thyristor Module
TT380N EUPEC-TT380N Datasheet
412Kb / 13P
   Phase Control Thyristor Module
TTW3C115N16 EUPEC-TTW3C115N16 Datasheet
432Kb / 10P
   Phase Control Thyristor Module
TT180N EUPEC-TT180N Datasheet
407Kb / 13P
   Phase Control Thyristor Module
TT92N EUPEC-TT92N Datasheet
410Kb / 13P
   Phase Control Thyristor Module
TTW3C85N16 EUPEC-TTW3C85N16 Datasheet
313Kb / 10P
   Phase Control Thyristor Module
TTB6C95N16 EUPEC-TTB6C95N16 Datasheet
370Kb / 7P
   Phase Control Thyristor Module
TTB6C135N16 EUPEC-TTB6C135N16 Datasheet
429Kb / 7P
   Phase Control Thyristor Module
TD142N EUPEC-TD142N Datasheet
445Kb / 13P
   Netz-Thyristor-Module Phase Control Thyristor Module
logo
Infineon Technologies A...
TT425N16KOF INFINEON-TT425N16KOF Datasheet
404Kb / 14P
   TT425N16KOF Phase Control Thyristor Module
19.12.02 revision:1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com