Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TT250N Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TT250N
Description  Marketing Information
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TT250N Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TT250N Datasheet HTML 1Page - List of Unclassifed Manufacturers TT250N Datasheet HTML 2Page - List of Unclassifed Manufacturers TT250N Datasheet HTML 3Page - List of Unclassifed Manufacturers TT250N Datasheet HTML 4Page - List of Unclassifed Manufacturers TT250N Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TT 250 N
Pos. n
1
2
3
4
5
6
7
Rthn[°C/W]
τn [s]
Analytische Elemente des transienten Wärmewiderstandes ZthJC pro Zweig für DC
Analytical elements of transient thermal impedance ZthJC per arm for DC
Analytische Funktion / Analytical function:
nmax
Σ
n=1
ZthJC =
Rthn (1-e )
t
- τn
TT250 N/13
TT 250 N/14
0
[°C/W]
ZthJC
t [s]
10-2 2
4
6
10-1 2
4 6 100 2
4
6
101 2
4
6
180°
120°
90°
60°
θ
=
0
θ
30°
0,16
0,12
0,08
0,04
0,10
0,06
0,02
102
[°C/W]
ZthJC
t [s]
10-3 2
4 6 8 10-2
2
4 6 8100 2 4 6 8101 2 4 6 8102
2
4 6 810-1
0
0
θ
0,18
0,16
0,02
0,08
0,10
0,12
0,04
0,06
180°
120°
90°
60°
θ
=
30°
DC
0,0031 0,0097 0,0257 0,0429 0,0426
0,0009
0,008
0,11
0,61
3,06
Bild / Fig. 13
Transienter innerer Wärmewiderstand je Zweig / Transient thermal impedance
per arm Z(th)JC = f(t)
Parameter: Stromflußwinkel / current conduction angle θ
Bild / Fig. 14
Transienter innerer Wärmewiderstand je Zweig / Transient thermal impedance
per arm Z(th)JC = f(t)
Parameter: Stromflußwinkel / current conduction angle θ


Similar Part No. - TT250N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TT250N EUPEC-TT250N Datasheet
423Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TT250N INFINEON-TT250N Datasheet
430Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
logo
eupec GmbH
TT250N12KOF EUPEC-TT250N12KOF Datasheet
409Kb / 14P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TT250N12KOF INFINEON-TT250N12KOF Datasheet
409Kb / 14P
   Netz-Thyristor-Modul Phase Control Thyristor Module
23.09.02 revision:1
logo
eupec GmbH
TT250N16KOF EUPEC-TT250N16KOF Datasheet
409Kb / 14P
   Netz-Thyristor-Modul Phase Control Thyristor Module
More results

Similar Description - TT250N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FD400R12KF4 EUPEC-FD400R12KF4 Datasheet
78Kb / 5P
   Marketing Information
DD82S EUPEC-DD82S Datasheet
161Kb / 3P
   Marketing Information
TT200F EUPEC-TT200F Datasheet
548Kb / 7P
   MARKETING INFORMATION TT200F
logo
Dallas Semiconductor
56-G6005-001 DALLAS-56-G6005-001 Datasheet
46Kb / 1P
   MARKETING OUTLINE - 16L CHIP SCALE BGA
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
DDB6U205N16L INFINEON-DDB6U205N16L Datasheet
285Kb / 7P
   Technische Information / Technical Information
rev.2
logo
eupec GmbH
FZ300R12KE3G EUPEC-FZ300R12KE3G Datasheet
288Kb / 8P
   Technische Information / technical information
BSM150GB120DLC EUPEC-BSM150GB120DLC Datasheet
90Kb / 8P
   Technische Information / Technical Information
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com