Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE47CA Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # P4KE47CA
Description  Voltage 6.8V ~ 440V 400 Peak Power / 1.0W Steady State 400W Peak Power TVS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

P4KE47CA Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  P4KE47CA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH P4KE47CA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH P4KE47CA Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
P4KE SERIES
Voltage 6.8V ~ 440V
400 Peak Power / 1.0W Steady State
400W Peak Power TVS
26-Oct-2009 Rev. C
Page 1 of 3
A
C
B
A
D
A suffix of "-C" specifies halogen & RoHS compliant
FEATURES
Constructed with Glass Passivated Die
400W peak pulse power Dissipation
Excellent clamping capability
Uni and Bidirectional unit
Very fast response time
Component in accordance to RoHS 2002/95/EC
MECHANICAL DATA
Case: DO-41
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Terminals: Lead free Plating (Tin Finish)
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.318 grams (Approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Maximum Ratings @ TA = 25°C)
CHARACTERISTIC
SYMBOL
VALUE
UNITS
Peak Power Disipation with a 10/1000µs waveform
PPK
Minimum 400
W
Power Dissipation on infinite heatsink at TL=75°C
P D
1
W
Peak Forward Surge Current, 8.3ms single half sine-wave
undirectional only (Note1)
IFSM
40
A
Operating and Storage Temperature Range
TJ, TSTG
150, -55 to +150
°C
Notes:
1.
Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
DO - 41
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
4.10
5.21
C
2.00
2.72
D
0.70
0.90


Similar Part No. - P4KE47CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE47CA PANJIT-P4KE47CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Anova Technologies CO.,...
P4KE47CA ANOVA-P4KE47CA Datasheet
352Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
CHENG-YI ELECTRONIC CO....
P4KE47CA CHENG-YI-P4KE47CA Datasheet
126Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P4KE47CA LUGUANG-P4KE47CA Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Transys Electronics
P4KE47CA TRSYS-P4KE47CA Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE47CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KE6.8 SECOS-P4KE6.8 Datasheet
194Kb / 4P
   400W Peak Power / 1.0W Steady State 400W Peak Power TVS
1.5KE6.8 SECOS-1.5KE6.8 Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
P6KE SECOS-P6KE Datasheet
110Kb / 3P
   Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
1.5KE SECOS-1.5KE Datasheet
332Kb / 3P
   Voltage 6.8V ~ 550V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
1.5KE SECOS-1.5KE_15 Datasheet
332Kb / 3P
   1500W Peak Power 5.0W Steady State 1500W Peak Power TVS
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
   400W Peak Power TVS
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
   400W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com