Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH215FN105Z Datasheet(PDF) 3 Page - Rohm

Part # MCH215FN105Z
Description  2012(0805)Size chip capacitors : MCH21
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH215FN105Z Datasheet(HTML) 3 Page - Rohm

  MCH215FN105Z Datasheet HTML 1Page - Rohm MCH215FN105Z Datasheet HTML 2Page - Rohm MCH215FN105Z Datasheet HTML 3Page - Rohm MCH215FN105Z Datasheet HTML 4Page - Rohm MCH215FN105Z Datasheet HTML 5Page - Rohm MCH215FN105Z Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCH03 Series, MCH15 Series, MCH18 Series, MCH21 Series, MCH31 Series,
MCH32 Series, MCH43 Series, MCH55 Series
Characteristics
Packing specification
A(CG)
(C0G)
(CH)Characteristics
CN(R)
(B)
(X5R)
(X7R)Characteristics
FN(F)
(Y5V)Characteristics
MCH03
MCH15
MCH18
MCH21
MCH31
MCH32
MCH43
MCH55
C
E
D
H
F
A
B
φJ
t
t1
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
(Paper taping)
Pull direction
MCH03
Code
A
B
C
D
E
F
H
J
t
t1
C
E
D
H
F
A
B
φJ
t
t1
C
E
D
H
G
F
A
B
φJ
t
t1
C
E
D
H
G
F
A
B
φJ
t
+0.1
0
0.37
±0.03
0.67
±0.03
8.0
±0.2
3.5
±0.05
1.75
±0.1
2.0
±0.05
4.0
±0.1
φ1.5
0.42
±0.02
0.5
MAX
MCH18
Code
A
B
C
D
E
F
H
J
t
t1
+0.1
0
1.0
±0.05
1.8
±0.05
8.0
±0.3
3.5
±0.05
1.75
±0.1
4.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
1.05
MAX.
1.2
MAX.
MCH21
Code
A
B
C
D
E
F
H
J
t
Paper
Pulastic
t
+0.1
0
1.5
±0.2
2.3
±0.2
8.0
±0.3
3.5
±0.05
1.75
±0.1
4.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
1.1
MAX.
0.3
MAX.
t1
2.5
MAX.
MCH31
Code
A
B
C
D
E
F
H
J
t
Paper
Pulastic
t
+0.1
0
1.9
±0.2
3.5
±0.2
8.0
±0.3
3.5
±0.05
1.75
±0.1
4.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
1.1
MAX.
0.3
MAX.
t1
2.5
MAX.
MCH32
Code
A
B
C
D
E
F
H
J
Pulastic
t
+0.1
0
2.9
3.6
8.0
±0.3
(12.0
±0.3)
3.5
±0.05
(5.0
±0.03)
1.75
±0.1
4.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
0.6
MAX.
t1
2.5MAX.
(6.5MAX.)
MCH43
Code
A
B
C
D
E
F
H
J
Pulastic
t
+0.1
0
3.6
4.9
12.0
±0.3
5.5
±0.05
1.75
±0.1
8.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
0.6
MAX.
t1
6.5
MAX.
MCH55
Code
A
B
C
D
E
F
H
J
Pulastic
t
+0.1
0
5.4
6.1
12.0
±0.3
5.5
±0.05
1.75
±0.1
8.0
±0.1
G
2.0
±0.05
4.0
±0.1
φ1.5
0.6
MAX.
t1
6.5
MAX.
MCH15
Code
A
B
C
D
E
F
H
J
t
t1
+0.1
0
0.65
±0.05
1.15
±0.05
8.0
±0.2
3.5
±0.05
1.75
±0.1
2.0
±0.05
4.0
±0.1
φ1.5
0.7
±0.05
0.8
MAX
MCH15:100pF
0.001
0.01
0.1
1
10
100
1000
10000
100
10
1
1000
MCH15:10pF
MCH15:1pF
10000
MCH18:100pF
MCH18:1pF
MCH18:10pF
MCH03:10pF
0.1
0.001
0.01
1
10
100
1000
10000
1
100
10
1000
MCH15:10,000pF
MCH15:1,000pF
MCH03:1,000pF
10000
MCH18:10,000pF
MCH18:100,000pF
MCH18:1,000pF
0.001
0.01
0.1
1
10
100
1000
10000
1
100
10
1000
MCH15:10,000pF
MCH15:100,000pF
MCH15:1,000pF
10000
MCH18:10,000pF
MCH18:100,000pF
MCH18:1,000pF
6
8
4
2
0
-2
-4
-6
-80
-40
0
40
80
120
160
Temperature (
℃)
Frequency(Hz)
Frequency (MHz)
30
20
10
0
-10
-20
-30
5
10
-80
-40
0
40
80
120
160
Temperature (
℃)
20
10
0
-10
-20
-30
-40
-50
-60
-70
-80
10
20
30
40
50
60
-80
-40
0
40
80
120
160
Temperature (
℃)
Frequency (MHz)
Frequency (MHz)
Frequency(Hz)
Frequency(Hz)
MCH21 10,000pF
MCH21 1μF
MCH32 100,000pF
MCH32 22μF
MCH31 10,000pF
MCH31 10μF
MCH31 10μF
100
10
1
0.1
0.01
0.001
100
10
1
0.1
0.01
0.001
100
10
1
0.1
0.01
0.001
1
10
10
100
1000
10000
10
100
1000
10000
100
1000
MCH21 1μF
MCH32 47μF
t
t1
C
E
D
H
G
F
A
B
φJ
t
t
t1
C
E
D
H
G
F
A
B
φJ
t
()内は製品厚みの2.5mmに適用
t
t1
C
E
D
H
G
F
A
B
φJ
t
t
t1
C
E
D
H
G
F
A
B
φJ
t
t
t1
Carrier tape dimensions (Unit:mm)


Similar Part No. - MCH215FN105Z

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MCH2805D INTERPOINT-MCH2805D Datasheet
167Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MCH2805D CRANE-MCH2805D Datasheet
329Kb / 18P
   MCH/MGH Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MCH2805D/883 INTERPOINT-MCH2805D/883 Datasheet
167Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MCH2805D/883 CRANE-MCH2805D/883 Datasheet
329Kb / 18P
   MCH/MGH Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
mCH2805D/883 INTERPOINT-mCH2805D/883 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
More results

Similar Description - MCH215FN105Z

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLC-S170E HITACHI-METALS-FSLC-S170E Datasheet
85Kb / 3P
   2012 Size Chip Multilayer Coupler
FSLC-S170N HITACHI-METALS-FSLC-S170N Datasheet
44Kb / 3P
   2012 Size Chip Multilayer Coupler
ESLB-S540A HITACHI-METALS-ESLB-S540A Datasheet
96Kb / 4P
   2012 Size Chip Band Pass Filter
FSLT-S009T HITACHI-METALS-FSLT-S009T Datasheet
88Kb / 8P
   2012 Size Chip Multilayer RF Transformer
FSLL-S240E HITACHI-METALS-FSLL-S240E Datasheet
54Kb / 4P
   2012 Size Chip Low Pass Filter
logo
WALSIN TECHNOLOGY CORPO...
RFLPF2012100F1T WALSIN-RFLPF2012100F1T Datasheet
205Kb / 3P
   LTCC Multi Layer Ceramic Low Pass Filter- 0805 (2012) size
RFLPF20120G9D4T WALSIN-RFLPF20120G9D4T Datasheet
389Kb / 3P
   LTCC Multi Layer Ceramic Low Pass Filter- 2012 (0805) size
logo
Hitachi Metals, Ltd
FSLB-S245C HITACHI-METALS-FSLB-S245C Datasheet
61Kb / 3P
   2012 Size Chip Multilayer Band Pass Filter
logo
List of Unclassifed Man...
NC0805KA502KB ETC2-NC0805KA502KB Datasheet
161Kb / 1P
   SMD CHIP THERMISTOR 0805 SIZE
logo
Hitachi Metals, Ltd
FSLC-S090S-A HITACHI-METALS-FSLC-S090S-A Datasheet
43Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com