Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5256B Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMSZ5256B
Description  500mW, SOD-123 Series Surface Mount Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMSZ5256B Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMSZ5256B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMSZ5256B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMSZ5256B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
MMSZ52xxB Series
500mW, SOD-123 Series
Surface Mount Zener Diodes
08-Sep-2016 Rev. H
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Zener Voltage
Maximum Zener Impedance
Maximum Reverse
Leakage Current
VZ@IZT
Nom
Min
Max
IZT
ZZT@IZT
ZZK@ IZK=0.25mA
IR
VR
Part
Number
Marking
Code
V
V
V
mA
µA
V
MMSZ5223B
C3
2.7
2.57
2.84
20
30
1300
75
1
MMSZ5225B
C5
3
2.85
3.15
20
30
1600
50
1
MMSZ5226B
G1
3.3
3.14
3.47
20
28
1600
25
1
MMSZ5227B
G2
3.6
3.42
3.78
20
24
1700
15
1
MMSZ5228B
G3
3.9
3.71
4.1
20
23
1900
10
1
MMSZ5229B
G4
4.3
4.09
4.52
20
22
2000
5
1
MMSZ5230B
G5
4.7
4.47
4.94
20
19
1900
5
2
MMSZ5231B
E1
5.1
4.85
5.36
20
17
1600
5
2
MMSZ5232B
E2
5.6
5.32
5.88
20
11
1600
5
3
MMSZ5233B
E3
6
5.7
6.3
20
7
1600
5
3.5
MMSZ5234B
E4
6.2
5.89
6.51
20
7
1000
3
4
MMSZ5235B
E5
6.8
6.46
7.14
20
5
750
3
5
MMSZ5236B
F1
7.5
7.13
7.88
20
6
500
3
6
MMSZ5237B
F2
8.2
7.79
8.61
20
8
500
3
6.5
MMSZ5238B
F3
8.7
8.27
9.14
20
8
600
3
6.5
MMSZ5239B
F4
9.1
8.65
9.56
20
10
600
3
7
MMSZ5240B
F5
10
9.5
10.5
20
17
600
2
8
MMSZ5241B
H1
11
10.45
11.55
20
22
600
1
8.4
MMSZ5242B
H2
12
11.4
12.6
20
30
600
0.5
9.1
MMSZ5243B
H3
13
12.35
13.65
9.5
13
600
0.1
9.9
MMSZ5244B
H4
14
13.3
14.7
9
15
600
0.1
10
MMSZ5245B
H5
15
14.25
15.75
8.5
16
600
0.1
11
MMSZ5246B
J1
16
15.2
16.8
7.8
17
600
0.1
12
MMSZ5248B
J3
18
17.1
18.9
7
21
600
0.1
14
MMSZ5250B
J5
20
19
21
6.2
25
600
0.1
15
MMSZ5251B
K1
22
20.9
23.1
5.6
29
600
0.1
17
MMSZ5252B
K2
24
22.8
25.2
5.2
33
600
0.1
18
MMSZ5253B
K3
25
23.75
26.25
5
35
600
0.1
19
MMSZ5254B
K4
27
25.65
28.35
5
41
600
0.1
21
MMSZ5255B
K5
28
26.6
29.4
4.5
44
600
0.1
21
MMSZ5256B
M1
30
28.5
31.5
4.2
49
600
0.1
23
MMSZ5257B
M2
33
31.35
34.65
3.8
58
700
0.1
25
MMSZ5258B
M3
36
34.2
37.8
3.4
70
700
0.1
27
MMSZ5259B
M4
39
37.05
40.95
3.2
80
800
0.1
30
MMSZ5260B
M5
43
40.85
45.15
3
93
900
0.1
33
MMSZ5261B
N1
47
44.65
49.35
2.7
105
1000
0.1
36
MMSZ5265B
N5
62
58.9
65.1
2
185
1400
0.1
47
MMSZ5267B
P2
75
71.25
78.75
1.7
270
1700
0.1
56


Similar Part No. - MMSZ5256B

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
MMSZ5256B DIOTECH-MMSZ5256B Datasheet
889Kb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
MMSZ5256B PANJIT-MMSZ5256B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5256B PANJIT-MMSZ5256B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5256B DIOTEC-MMSZ5256B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Pan Jit International I...
MMSZ5256B PANJIT-MMSZ5256B Datasheet
107Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5256B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
   Zener Diode 500mW SOD-123 Surface Mount
logo
Yea Shin Technology Co....
MMSZ2V4 YEASHIN-MMSZ2V4 Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
Guangdong Juxing Electr...
MMSZ2V0BW JUXING-MMSZ2V0BW Datasheet
517Kb / 3P
   500mW SOD-123 SURFACE MOUNT
logo
Yea Shin Technology Co....
MMSZ5221B YEASHIN-MMSZ5221B Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
BZT52B SECOS-BZT52B Datasheet
299Kb / 3P
   350mW, SOD-123 Series Surface Mount Zener Diodes
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
logo
Tak Cheong Electronics ...
MMSZ5221CW TAK_CHEONG-MMSZ5221CW Datasheet
233Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com