Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5250BS Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMSZ5250BS
Description  200 mW, SOD-323 Series Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMSZ5250BS Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMSZ5250BS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMSZ5250BS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMSZ5250BS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMSZ5250BS Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
MMSZ52XXBS Series
200 mW,
SOD-323 Series
Surface Mount Zener Diodes
06-Jun-2017 Rev. D
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL RATINGS (T
A=25°C unless otherwise specified)
Zener Voltage Range
1
Maximum
Zener Impedance
3
Maximum
Reverse Leakage
Current
1
VZ @ IZT
IZT
ZZT @ IZT
VZK @ IZK
=0.25mA
IR @ VR
Part Number
Marking
Min(V)
Nom(V) Max(V)
mA
µA
V
MMSZ5226BS
D1\G1
3.14
3.3
3.47
20
28
1600
25
1.0
MMSZ5227BS
D2\G2
3.42
3.6
3.78
20
24
1700
15
1.0
MMSZ5228BS
D3\G3
3.71
3.9
4.1
20
23
1900
10
1.0
MMSZ5229BS
D4\G4
4.09
4.3
4.52
20
22
2000
5.0
1.0
MMSZ5231BS
E1
4.85
5.1
5.36
20
17
1600
5.0
2.0
MMSZ5232BS
E2
5.32
5.6
5.88
20
11
1600
5.0
3.0
MMSZ5233BS
E3
5.7
6.0
6.3
20
7
1600
5.0
3.5
MMSZ5234BS
E4
5.89
6.2
6.51
20
7
1000
5.0
4.0
MMSZ5235BS
E5
6.46
6.8
7.14
20
5
750
3.0
5.0
MMSZ5236BS
F1
7.13
7.5
7.88
20
6
500
3.0
6.0
MMSZ5237BS
F2
7.79
8.2
8.61
20
8
500
3.0
6.5
MMSZ5238BS
F3
8.27
8.7
9.14
20
8
600
3.0
6.5
MMSZ5239BS
F4
8.65
9.1
9.56
20
10
600
3.0
7.0
MMSZ5240BS
F5
9.5
10
10.50
20
17
600
3.0
8.0
MMSZ5241BS
H1
10.45
11
11.55
20
22
600
2.0
8.4
MMSZ5242BS
H2
11.4
12
12.6
20
30
600
1.0
9.1
MMSZ5243BS
H3
12.35
13
13.65
9.5
13
600
0.5
9.9
MMSZ5245BS
H5
14.25
15
15.75
8.5
16
600
0.1
11
MMSZ5246BS
J1
15.2
16
16.8
7.8
17
600
0.1
12
MMSZ5248BS
J3
17.1
18
18.9
7.0
21
600
0.1
14
MMSZ5250BS
J5
19
20
21
6.2
25
600
0.1
15
MMSZ5251BS
K1
20.9
22
23.1
5.6
29
600
0.1
17
MMSZ5252BS
K2
22.8
24
25.2
5.2
33
600
0.1
18
MMSZ5254BS
K4
25.65
27
28.35
5.0
41
600
0.1
21
MMSZ5255BS
K5
26.6
28
29.4
4.5
44
600
0.1
21
MMSZ5256BS
M1
28.5
30
31.5
4.2
49
600
0.1
23
MMSZ5257BS
M2
31.35
33
34.65
3.8
58
700
0.1
25
MMSZ5258BS
M3
34.2
36
37.8
3.4
70
700
0.1
27
Notes:
1. Short duration test pulse used to minimize self-heating effect.
2. Device mount on ceramic PCB; 7.6 mm x 9.4 mm x 0.87 mm with pad areas 25 mm
2
3. f = 1KHz


Similar Part No. - MMSZ5250BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5250BS PANJIT-MMSZ5250BS Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Yea Shin Technology Co....
MMSZ5250BS YEASHIN-MMSZ5250BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Diodes Incorporated
MMSZ5250BS DIODES-MMSZ5250BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Shenzhen Luguang Electr...
MMSZ5250BS LUGUANG-MMSZ5250BS Datasheet
188Kb / 3P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5250BS DIODES-MMSZ5250BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
More results

Similar Description - MMSZ5250BS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84CXXXW SECOS-BZX84CXXXW Datasheet
58Kb / 2P
   200 mW SOT-323 Series Surface Mount Zener Voltage Regulator Diodes
MM5Z SECOS-MM5Z Datasheet
76Kb / 4P
   100 mW, SOD-523 Series Surface Mount Zener Diodes
logo
ON Semiconductor
NZ9F2V4ST5G ONSEMI-NZ9F2V4ST5G_11 Datasheet
98Kb / 4P
   Zener Voltage Regulators 200 mW SOD.923 Surface Mount
June, 2011 ??Rev. 1
logo
Leshan Radio Company
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
LM3Z9V1T1G LRC-LM3Z9V1T1G Datasheet
106Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
SZMM3Z3V3T1G ONSEMI-SZMM3Z3V3T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
NZ9F2V4ST5G ONSEMI-NZ9F2V4ST5G Datasheet
99Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
May, 2008 ??Rev. 0
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
MM5Z2V4ST1 ONSEMI-MM5Z2V4ST1_06 Datasheet
48Kb / 4P
   Zener Voltage Regulators 200 mW SOD-523 Surface Mount
April, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com