Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52780-XXXSP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M52780-XXXSP
Description  I2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52780-XXXSP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M52780-XXXSP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52780-XXXSP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52780-XXXSP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52780-XXXSP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52780-XXXSP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52780-XXXSP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52780-XXXSP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M52780-XXXSP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M52780-XXXSP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
MITSUBISHI<LINEAR IC>
M52780-XXXSP
MITSUBISHI
I2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY
MONITOR
TENTATIVE
38
1999. 7.27
Pre - Amp Block sub address byte and data byte format
NO.
function
bit
sub
Data Byte (top:byte format under:start condition)
add.
D7
D6
D5
D4
D3
D2
D1
D0
1 Main contrast
8
01H
A07
A06
A05
A04
A03
A02
A01
A00
01000000
2 Sub contrast R
8
02H
A17
A16
A15
A14
A13
A12
A11
A10
10000000
3 Sub contrast G
8
03H
A27
A26
A25
A24
A23
A22
A21
A20
10000000
4 Sub contrast B
8
A37
A36
A35
A34
A33
A32
A31
A30
10000000
5
6
05H
OSD level
4
----
A53
A52
A51
A50
00001000
7
06H
RE-BLK Adjust
4
----
A63
A62
A61
A60
00001000
8
07H
D/A OUT1
8
A77
A76
A75
A74
A73
A72
A71
A70
10000000
9
10
08H
D/A OUT2
8
A87
A86
A85
A84
A83
A82
A81
A80
10000000
09H
D/A OUT3
8
A97
A96
A95
A94
A93
A92
A91
A90
10000000
11
0AH
D/A OUT4
8
AA7 AA6 AA5 AA4 AA3 AA2 AA1 AA0
10000000
00H
0BH
04H
Brightness cont.
8
A47
A46
A45
A44
A43
A42
A41
A40
10000000
12 D/A OUT5
8
AB7 AB6 AB5 AB4 AB3 AB2 AB1 AB0
10000000
7


Similar Part No. - M52780-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5278L05 MITSUBISHI-M5278L05 Datasheet
282Kb / 8P
   (5V,5.6V,8V,9V,10V,12V,15V) 3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR (WITH FOLD-BACK PROTECTION CIRCUIT)
logo
Renesas Technology Corp
M5278L05 RENESAS-M5278L05 Datasheet
3Mb / 9P
   (5V,5.6V,8V,9V,10V,12V,15V)3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR(WITH FOLD-BACK PROTECTION CIRCUIT)
logo
Mitsubishi Electric Sem...
M5278L05M MITSUBISHI-M5278L05M Datasheet
282Kb / 8P
   (5V,5.6V,8V,9V,10V,12V,15V) 3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR (WITH FOLD-BACK PROTECTION CIRCUIT)
M5278L08 MITSUBISHI-M5278L08 Datasheet
282Kb / 8P
   (5V,5.6V,8V,9V,10V,12V,15V) 3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR (WITH FOLD-BACK PROTECTION CIRCUIT)
logo
Renesas Technology Corp
M5278L08 RENESAS-M5278L08 Datasheet
3Mb / 9P
   (5V,5.6V,8V,9V,10V,12V,15V)3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR(WITH FOLD-BACK PROTECTION CIRCUIT)
More results

Similar Description - M52780-XXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61314SP RENESAS-M61314SP Datasheet
213Kb / 10P
   I2C BUS Controlled Video Pre-amp for High Resolution Color Display
logo
Mitsubishi Electric Sem...
M61311SP MITSUBISHI-M61311SP Datasheet
227Kb / 22P
   I2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY
M61314SP MITSUBISHI-M61314SP Datasheet
341Kb / 10P
   I2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY
M61301SP MITSUBISHI-M61301SP Datasheet
293Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52749FP MITSUBISHI-M52749FP Datasheet
185Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52749FP RENESAS-M52749FP Datasheet
328Kb / 27P
   BUS Controlled 3ch Video Pre-amp for CRT Display Monitor
logo
Mitsubishi Electric Sem...
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M61311SP RENESAS-M61311SP Datasheet
328Kb / 27P
   l2C BUS Controlled Video Pre-amp for High Resolution Color Display
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
   I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
logo
NXP Semiconductors
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
   Advanced monitor video controller for OSD
1997 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com