Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9107BGPTP Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9107BGPTP
Description  Dual-Channel Digital Audio System
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9107BGPTP Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9107BGPTP Datasheet HTML 1Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 2Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 3Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 4Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 5Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 6Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 7Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 8Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
RT9107B
3
DS9107B-00 November 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
IO
Pin Function
1
OUT_A
AO
Output of Half-Bridge A.
2, 3
PVDD_AB
P
Supply for Half-Bridge A & B.
4
BST_A
P
Bootstrap Supply for Half-Bridge A.
5
GVDD_AB
P
Supply for Gate Drivers A & B.
7
OC_ADJ
AO
Over Current Threshold Adjust Resistor.
6, 8, 29, 31,
40, 41, 44, 45
NC
--
No Internal Connection.
9
AVSS
P
3.3V Analog Ground.
10
PLL_FILT
AO
External PLL Filter Output.
11
VR_BIAS
AO
Analog Supply Decoupling Capacitor.
12
VR_ANA
P
1.8V Analog Supply Bypass.
13
AVDD
P
Analog 3.3V Supply Input.
14
A_SEL
DIO
I2C Address Pin. The pin can also be used as fault indicator.
15
MCLK
DI
Master Clock Input.
16
OSC_RES
AO
Oscillator Setting.
17
DVSSO
P
Ground for Oscillator.
18
VR_DIG
P
Digital 1.8V Supply Bypass.
19
PWDNN
DI
Power Down Input (Active Low).
20
LRCK
DI
I2S L/R Clock Input.
21
SCLK
DI
I2S Serial Bit Clock.
22
SDIN
DI
I2S Serial Data Input.
23
SDA
DIO
I2C Data Input/Output.
24
SCL
DI
I2C Control Clock.
25
RESETB
DI
Reset Input (Active Low).
26
MUTE
DI
Volume Mute Control Input (Active High).
27
DVDD
P
3.3V Digital Supply Input.
28
DVSS
P
3.3V Digital Ground.
30
AGND
P
Analog Ground.
32
GVDD_CD
P
Supply for Gate Drivers C & D.
33
BST_D
P
Bootstrap Supply for Half-Bridge D.
34, 35
PVDD_CD
P
Supply for Half-Bridge C & D.
36
OUT_D
AO
Output of Half-Bridge D.
37, 38
PGND_CD
P
Ground for Half-Bridge C & D.
39
OUT_C
AO
Output of Half-Bridge C.
42
BST_C
P
Bootstrap Supply for Half-Bridge C.
43
BST_B
P
Bootstrap Supply for Half-Bridge B.
46
OUT_B
AO
Output of Half-Bridge B.
47, 48
PGND_AB
P
Ground for Half-Bridge A & B.
49
(Exposed Pad)
PGND
P
Power Ground. The exposed pad must be soldered to a large PCB
and connected to PGND for maximum power dissipation.


Similar Part No. - RT9107BGPTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9101 ETC1-RT9101 Datasheet
110Kb / 3P
   Rotational Transducer
logo
Richtek Technology Corp...
RT9101 RICHTEK-RT9101_11 Datasheet
442Kb / 12P
   2.65W PWM Class-D Power Amplifier
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
   15W Stereo Class-D Audio Power Amplifier
RT9108NB RICHTEK-RT9108NB Datasheet
1Mb / 15P
   15W Stereo Class-D Audio Power Amplifier
April 2013
More results

Similar Description - RT9107BGPTP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333W STMICROELECTRONICS-STA333W Datasheet
660Kb / 42P
   2-channel high-efficiency digital audio system
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
   2.1-channel high-efficiency digital audio system
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
   2.1-channel high-efficiency digital audio system
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
   2.1-channel high-efficiency digital audio system
STA335W STMICROELECTRONICS-STA335W Datasheet
1Mb / 43P
   2.0-channel high-efficiency digital audio system
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
   2.1-channel high-efficiency digital audio system
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
   2.1-channel high-efficiency digital audio system
logo
Cirrus Logic
CS4225 CIRRUS-CS4225 Datasheet
385Kb / 30P
   Digital Audio Conversion System
logo
STMicroelectronics
STA321 STMICROELECTRONICS-STA321 Datasheet
2Mb / 157P
   4-channel digital audio system with FFX??driver
STA333W STMICROELECTRONICS-STA333W_10 Datasheet
1Mb / 49P
   2-channel high-efficiency digital audio system Sound Terminal?
January 2010 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com