Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9107BGPTP Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9107BGPTP
Description  Dual-Channel Digital Audio System
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9107BGPTP Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9107BGPTP Datasheet HTML 1Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 2Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 3Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 4Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 5Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 6Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 7Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 8Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
RT9107B
2
DS9107B-00 November 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Configurations
(TOP VIEW)
TQFP-48L 7x7 (Exposed Pad)
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
RT9107B
GPTP
YMDNN
RT9107BGPTP : Product Number
YMDNN : Date Code
RT9107B
Package Type
PTP : TQFP-48L 7x7 (Exposed Pad)
Lead Plating System
G : Green (Halogen Free and Pb Free)
OUT_A
BST_A
PVDD_AB
VR_ANA
VR_BIAS
PLL_FILT
AVSS
NC
OC_ADJ
GVDD_AB
NC
PVDD_AB
OUT_D
BST_D
PVDD_CD
RESETB
MUTE
DVDD
DVSS
NC
AGND
GVDD_CD
NC
PVDD_CD
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
36
35
34
33
32
31
30
29
28
27
26
25
37
38
39
40
41
42
43
44
45
46
47
48
49
PGND


Similar Part No. - RT9107BGPTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9101 ETC1-RT9101 Datasheet
110Kb / 3P
   Rotational Transducer
logo
Richtek Technology Corp...
RT9101 RICHTEK-RT9101_11 Datasheet
442Kb / 12P
   2.65W PWM Class-D Power Amplifier
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
   15W Stereo Class-D Audio Power Amplifier
RT9108NB RICHTEK-RT9108NB Datasheet
1Mb / 15P
   15W Stereo Class-D Audio Power Amplifier
April 2013
More results

Similar Description - RT9107BGPTP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333W STMICROELECTRONICS-STA333W Datasheet
660Kb / 42P
   2-channel high-efficiency digital audio system
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
   2.1-channel high-efficiency digital audio system
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
   2.1-channel high-efficiency digital audio system
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
   2.1-channel high-efficiency digital audio system
STA335W STMICROELECTRONICS-STA335W Datasheet
1Mb / 43P
   2.0-channel high-efficiency digital audio system
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
   2.1-channel high-efficiency digital audio system
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
   2.1-channel high-efficiency digital audio system
logo
Cirrus Logic
CS4225 CIRRUS-CS4225 Datasheet
385Kb / 30P
   Digital Audio Conversion System
logo
STMicroelectronics
STA321 STMICROELECTRONICS-STA321 Datasheet
2Mb / 157P
   4-channel digital audio system with FFX??driver
STA333W STMICROELECTRONICS-STA333W_10 Datasheet
1Mb / 49P
   2-channel high-efficiency digital audio system Sound Terminal?
January 2010 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com