Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGT8NL65D Datasheet(PDF) 5 Page - Rohm

Part # RGT8NL65D
Description  650V 4A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGT8NL65D Datasheet(HTML) 5 Page - Rohm

  RGT8NL65D Datasheet HTML 1Page - Rohm RGT8NL65D Datasheet HTML 2Page - Rohm RGT8NL65D Datasheet HTML 3Page - Rohm RGT8NL65D Datasheet HTML 4Page - Rohm RGT8NL65D Datasheet HTML 5Page - Rohm RGT8NL65D Datasheet HTML 6Page - Rohm RGT8NL65D Datasheet HTML 7Page - Rohm RGT8NL65D Datasheet HTML 8Page - Rohm RGT8NL65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.rohm.com
© 2017 ROHM Co., Ltd. All rights reserved.
Datasheet
RGT8NL65D
Electrical Characteristic Curves
 
Fig.2 Collector Current vs. Case Temperature
Case Temperature : Tc [ºC]
Fig.3 Forward Bias Safe Operating Area
Collector To Emitter Voltage : VCE[V]
Fig.4 Reverse Bias Safe Operating Area
Collector To Emitter Voltage : VCE[V]
Fig.1 Power Dissipation vs. Case Temperature
Case Temperature : Tc [ºC]
0
10
20
30
40
50
60
70
80
0
255075
100 125 150 175
0
2
4
6
8
10
12
14
16
0
200
400
600
800
Tj≦175ºC
VGE=15V
0
2
4
6
8
10
0
25
50
75
100 125 150 175
Tj≦175ºC
VGE≧15V
0.01
0.1
1
10
100
1
10
100
1000
TC= 25ºC
Single Pulse
10
µs
100
µs
5/11
2017.05 - Rev.A


Similar Part No. - RGT8NL65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT8NS65D ROHM-RGT8NS65D Datasheet
721Kb / 12P
   650V 4A Field Stop Trench IGBT
More results

Similar Description - RGT8NL65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT8BM65D ROHM-RGT8BM65D Datasheet
705Kb / 12P
   650V 4A Field Stop Trench IGBT
RGT8NS65D ROHM-RGT8NS65D Datasheet
721Kb / 12P
   650V 4A Field Stop Trench IGBT
RGT8TM65D ROHM-RGT8TM65D Datasheet
1Mb / 11P
   650V 4A Field Stop Trench IGBT
2018.01 - Rev.A
RGT40TS65D ROHM-RGT40TS65D Datasheet
733Kb / 12P
   650V 20A Field Stop Trench IGBT
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
   650V 50A Field Stop Trench IGBT
RGT30NS65D ROHM-RGT30NS65D Datasheet
789Kb / 12P
   650V 15A Field Stop Trench IGBT
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
   650V 20A Field Stop Trench IGBT
RGTH60TK65D ROHM-RGTH60TK65D Datasheet
885Kb / 13P
   650V 30A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com