Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CB3T3253DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3T3253DR
Description  DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3T3253DR Datasheet(HTML) 2 Page - Texas Instruments

  SN74CB3T3253DR Datasheet HTML 1Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 2Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 3Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 4Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 5Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 6Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 7Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 8Page - Texas Instruments SN74CB3T3253DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SN74CB3T3253
DUAL 1OF4 FET MULTIPLEXER/DEMULTIPLEXER
2.5V/3.3V LOW VOLTAGE BUS SWITCH WITH 5V TOLERANT LEVEL SHIFTER
SCDS148 − OCTOBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
VCC
≈VCC
5.5 V
0 V
NOTE A: If the input high voltage (VIH) level is greater than or equal to VCC − 1 V, and less than or equal to 5.5 V, then the output high voltage
(VOH) level will be equal to approximately the VCC voltage level.
Input Voltages
Output Voltages
0 V
≈VCC − 1 V
≈VCC − 1 V
VCC
IN
OUT
CB3T
Figure 1. Typical DC Voltage-Translation Characteristics
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tube
SN74CB3T3253D
CB3T3253
SOIC − D
Tape and reel
SN74CB3T3253DR
CB3T3253
−40
°C to 85°C
SSOP (QSOP) − DBQ
Tape and reel
SN74CB3T3253DBQR
KS253
−40
°C to 85°C
TSSOP − PW
Tube
SN74CB3T3253PW
KS253
TSSOP − PW
Tape and reel
SN74CB3T3253PWR
KS253
TVSOP − DGV
Tape and reel
SN74CB3T3253DGVR
KS253
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each multiplexer/demultiplexer)
INPUTS
INPUT/OUTPUT
FUNCTION
OE
S1
S0
INPUT/OUTPUT
A
FUNCTION
L
L
L
B1
A port = B1 port
L
LH
B2
A port = B2 port
L
HL
B3
A port = B3 port
L
HH
B4
A port = B4 port
H
X
X
Z
Disconnect


Similar Part No. - SN74CB3T3253DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3253DR TI-SN74CB3T3253DR Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253DR TI1-SN74CB3T3253DR Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - SN74CB3T3253DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com