Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STBV32B Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # STBV32B
Description  TO-92 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

STBV32B Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  STBV32B Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd STBV32B Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd STBV32B Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd STBV32B Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.1
1
10
1
10
100
1000
012
345
0
100
200
300
400
500
600
700
20
40
60
80
100
120
0
2
4
6
8
10
0
25
50
75
100
125
150
0
200
400
600
800
1000
1200
1
10
100
1000
1
10
100
0
200
400
600
800
1000
0.1
1
10
100
1000
1
10
100
1000
400
600
800
1
10
100
1000
10
100
1000
30
C
ob
/C
ib
— —
V
CB
/V
EB
f=1MHz
I
C=0/IE=0
T
a=25
C
ob
C
ib
COLLECTOR-BASE VOLTAGE
V
CB/VEB
(V)
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
30mA
27mA
24mA
21mA
18mA
15mA
6mA
9mA
12mA
I
B=3mA
Static Characteristic
COMMON EMITTER
VCE=10V
T
a=25
COLLECTOR CURRENT
I
C
(mA)
I
C
h
FE
——
I
C
f
T
——
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
T
a=100
T
a=25
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE= 2V
BASE-EMMITER VOLTAGE V
BE (V)
I
C
— — V
BE
COMMON EMITTER
V
CE=2V
β=5,T
a=100
β=4,T
a=100
β=4,T
a=25
β=5,T
a=25
COLLECTOR CURREMT
I
C
(mA)
I
c
V
BEsat
——
β=5,T
a=25
β=3,T
a=25
β=4,T
a=25
β=3,T
a=100
β=4,T
a=100
β=5,T
a=100
COLLECTOR CURRENT
I
C
(mA)
I
C
V
CEsat
——
www.cj-elec.com
2
,
,201
5
Typical Characteristics


Similar Part No. - STBV32B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBV32 STMICROELECTRONICS-STBV32 Datasheet
67Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STBV32 STMICROELECTRONICS-STBV32 Datasheet
258Kb / 9P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Foshan Blue Rocket Elec...
STBV32 FOSHAN-STBV32 Datasheet
778Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
logo
STMicroelectronics
STBV32 STMICROELECTRONICS-STBV32 Datasheet
217Kb / 11P
   High voltage fast-switching NPN power transistor
Rev 8 July 2008
STBV32-AP STMICROELECTRONICS-STBV32-AP Datasheet
258Kb / 9P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - STBV32B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com