Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZTA44 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # PZTA44
Description  SOT-223 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

PZTA44 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  PZTA44 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA44 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA44 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA44 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min.
Max.
Min.
Max.
A
——
1.800
——
0.071
A1
0.020
0.100
0.001
0.004
A2
1.500
1.700
0.059
0.067
b
0.660
0.840
0.026
0.033
b1
2.900
3.100
0.114
0.122
c
0.230
0.350
0.009
0.014
D
6.300
6.700
0.248
0.264
E
6.700
7.300
0.264
0.287
E1
3.300
3.700
0.130
0.146
e
L
0.750
——
0.030
——
θ
10°
10°
Symbol
Dimensions In Millimeters
Dimensions In Inches
2.300(BSC)
0.091(BSC)
SOT-223 Package Outline Dimensions
SOT-223 Suggested Pad Layout
www.cj-elec.com
3
G,Jan,2017


Similar Part No. - PZTA44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZTA44 PHILIPS-PZTA44 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Micro Commercial Compon...
PZTA44 MCC-PZTA44 Datasheet
791Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Weitron Technology
PZTA44 WEITRON-PZTA44 Datasheet
274Kb / 3P
   NPN Silicon Planar Epitaxial Transistor
logo
Diotec Semiconductor
PZTA44 DIOTEC-PZTA44 Datasheet
164Kb / 2P
   SMD High Voltage NPN Transistors
logo
Unisonic Technologies
PZTA44 UTC-PZTA44 Datasheet
81Kb / 4P
   HIGH VOLTAGE TRANSISTOR
More results

Similar Description - PZTA44

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP54 DGNJDZ-BCP54 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
BCP69 JIANGSU-BCP69 Datasheet
1,017Kb / 3P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
CZT32C DGNJDZ-CZT32C Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP56 DGNJDZ-BCP56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA06 DGNJDZ-PZTA06 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com