Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZTA06 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # PZTA06
Description  S OT-223 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

PZTA06 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  PZTA06 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA06 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA06 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA06 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-223 Plastic-Encapsulate Transistors
PZTA06
TRANSISTOR (NPN)
FEATURES
Low Voltage and High Current
General Purpose Amplifier Applications
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=0.1mA,IE=0
80
V
Collector-emitter breakdown voltage
V(BR)CEO*
IC=1mA,IB=0
80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA,IC=0
4
V
Collector cut-off current
ICBO
VCB=80V,IE=0
100
nA
Collector cut-off current
ICEO
VCE=60V,IB=0
100
nA
Emitter cut-off current
IEBO
VEB=3V, IC=0
100
nA
hFE(1)
VCE=1V, IC=10mA
100
DC current gain
hFE(2)
VCE=1V, IC=100mA
100
Collector-emitter saturation voltage
VCE(sat)
IC=100mA,IB=10mA
0.25
V
Base-emitter voltage
VBE
VCE=1V, IC=100mA
1.2
V
Transition frequency
fT
VCE=2V,IC=10mA, f=100MHz
100
MHz
*Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
80
V
VCEO
Collector-Emitter Voltage
80
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current
500
mA
PC
Collector Power Dissipation
1
W
RθJA
Thermal Resistance From Junction To Ambient
125
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER
MARKING:
www.cj-elec.com
1
,


Similar Part No. - PZTA06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZTA06 PHILIPS-PZTA06 Datasheet
50Kb / 8P
   NPN general purpose transistor
1997 Jul 14
logo
Fairchild Semiconductor
PZTA06 FAIRCHILD-PZTA06 Datasheet
149Kb / 4P
   NPN General Purpose Amplifier
PZTA06 FAIRCHILD-PZTA06 Datasheet
654Kb / 15P
   NPN General Purpose Amplifier
logo
Nanjing International G...
PZTA06 DGNJDZ-PZTA06 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
PZTA06G-AA3-R UTC-PZTA06G-AA3-R Datasheet
124Kb / 3P
   AMPLIFIER TRANSISTOR
More results

Similar Description - PZTA06

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
PZT3904 JIANGSU-PZT3904 Datasheet
1Mb / 4P
   S OT-223 Plastic-Encapsulate Transistors
PZT3906 JIANGSU-PZT3906 Datasheet
1Mb / 4P
   S OT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
S8050 DGNJDZ-S8050 Datasheet
793Kb / 2P
   S OT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
KTC4376 JIANGSU-KTC4376 Datasheet
1Mb / 4P
   S OT-89-3L Plastic-Encapsulate Transistors
KTD1302 JIANGSU-KTD1302 Datasheet
1Mb / 3P
   S OT-89-3L Plastic-Encapsulate Transistors
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com