Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSAL6102 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSAL6102
Description  High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL6102 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSAL6102 Datasheet HTML 1Page - Vishay Siliconix TSAL6102 Datasheet HTML 2Page - Vishay Siliconix TSAL6102 Datasheet HTML 3Page - Vishay Siliconix TSAL6102 Datasheet HTML 4Page - Vishay Siliconix TSAL6102 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSAL6102
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 27-Aug-15
1
Document Number: 84337
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
DESCRIPTION
TSAL6102 is an infrared, 940 nm emitting diode in GaAlAs
multi quantum well (MQW) technology with high radiant
power and high speed molded in a blue-gray plastic
package.
FEATURES
• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Peak wavelength:
p = 940 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity:
 = ± 10°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Infrared
remote
control
units
with
high
power
requirements
• Free air transmission systems
• Infrared source for optical counters and card readers
• IR source for smoke detectors
Note
• Test conditions see table “Basic Characteristics”
Note
• MOQ: minimum order quantity
94 8389
PRODUCT SUMMARY
COMPONENT
Ie (mW/sr)
 (deg)
p (nm)
tr (ns)
TSAL6102
220
± 10
940
15
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
TSAL6102
Bulk
MOQ: 4000 pcs, 4000 pcs/bulk
T-1¾
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
5V
Forward current
IF
100
mA
Peak forward current
tp/T = 0.5, tp = 100 μs
IFM
200
mA
Surge forward current
tp = 100 μs
IFSM
1.5
A
Power dissipation
PV
160
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +85
°C
Storage temperature range
Tstg
-40 to +100
°C
Soldering temperature
t
 5 s, 2 mm from case
Tsd
260
°C
Thermal resistance junction/ambient
J-STD-051, leads 7 mm soldered on PCB
RthJA
230
K/W


Similar Part No. - TSAL6102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL6102 VISHAY-TSAL6102 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL6102 VISHAY-TSAL6102 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSAL6102 VISHAY-TSAL6102_V01 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL6102 VISHAY-TSAL6102_V02 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
More results

Similar Description - TSAL6102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSML3710 VISHAY-VSML3710_14 Datasheet
139Kb / 7P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 1.6, 22-Oct-14
TSAL4400 VISHAY-TSAL4400_16 Datasheet
114Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 1.9, 03-Nov-16
TSAL6200 VISHAY-TSAL6200_14 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 2.4, 13-Mar-14
TSAL6100 VISHAY-TSAL6100_V01 Datasheet
108Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
VSML3710 VISHAY-VSML3710_V01 Datasheet
138Kb / 7P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL6200 VISHAY-TSAL6200_V02 Datasheet
108Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSML1000 VISHAY-TSML1000_14 Datasheet
198Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 2.1, 13-Mar-14
TSML1040 VISHAY-TSML1040_V02 Datasheet
164Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
VSML3710 VISHAY-VSML3710_V02 Datasheet
137Kb / 7P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSAL6100UL VISHAY-TSAL6100UL Datasheet
116Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 1.0, 16-Jun-16
TSML1000 VISHAY-TSML1000_V01 Datasheet
196Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com