Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT05AG Datasheet(PDF) 3 Page - BeRex Corporation

Part # BT05AG
Description  5-4000 MHz Wideband Drive Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT05AG Datasheet(HTML) 3 Page - BeRex Corporation

  BT05AG_16 Datasheet HTML 1Page - BeRex Corporation BT05AG_16 Datasheet HTML 2Page - BeRex Corporation BT05AG_16 Datasheet HTML 3Page - BeRex Corporation BT05AG_16 Datasheet HTML 4Page - BeRex Corporation BT05AG_16 Datasheet HTML 5Page - BeRex Corporation BT05AG_16 Datasheet HTML 6Page - BeRex Corporation BT05AG_16 Datasheet HTML 7Page - BeRex Corporation BT05AG_16 Datasheet HTML 8Page - BeRex Corporation BT05AG_16 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
WCDMA 6FA 2140 -55dBc
5-4000 MHz Wideband Drive Amplifier
BT05AG
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
100
-10.6001
-176.08
24.3773
166.26
-29.173
-0.828
-21.805
-27.056
500
-6.89632
171.969
22.4951
118.889
-28.510
-5.512
-20.525
-120.815
1000
-4.83571
137.774
19.3111
75.4763
-27.637
-16.88
-17.519
170.039
1500
-4.36842
107.055
16.5624
42.7846
-27.010
-29.70
-16.447
137.451
2000
-4.49519
77.2739
14.5732
13.4329
-26.080
-41.79
-17.536
118.289
2500
-4.82222
43.2334
13.1214
-15.725
-25.166
-58.33
-22.101
99.7268
3000
-4.64574
3.39018
11.7047
-45.735
-24.318
-79.25
-27.037
4.66192
3500
-3.85543
-35.846
9.92492
-74.765
-25.101
-100.4
-16.664
-50.8784
4000
-3.0184
-66.883
8.4767
-100.82
-24.247
-119.41
-11.732
-71.031
S-Parameter
(Vdevice = 5.0V, Icc = 84mA, T = 25 °C, calibrated to device leads)
BeRex
●website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. E


Similar Part No. - BT05AG_16

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT05AG BEREX-BT05AG_1 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BT05AG BEREX-BT05AG_18 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
More results

Similar Description - BT05AG_16

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT05AG BEREX-BT05AG Datasheet
669Kb / 13P
   5-4000 MHz Wideband Drive Amplifier
BT05AG BEREX-BT05AG_1 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BCT05CV BEREX-BCT05CV Datasheet
299Kb / 8P
   5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV Datasheet
603Kb / 13P
   5-4000 MHz Wideband Drive Amplifier
BT05AG BEREX-BT05AG_18 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV_1 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV_18 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV_16 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_1 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_18 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com