Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1729 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1729
Description  Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1729 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1729 Datasheet HTML 1Page - NTE Electronics NTE1729 Datasheet HTML 2Page - NTE Electronics NTE1729 Datasheet HTML 3Page - NTE Electronics NTE1729 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE1729
Integrated Circuit
Pulse Width Modulator (PWM) Control Circuit
Description:
The NTE1729 is an inverter control unit in a 16–Lead DIP type package which provides all the control
circuitry for PWM type switching regulators. Included in this device is the voltage reference, dual error
amplifiers, oscillator, pulse width modulator, pulse steering flip flop, dual alternating output switches,
and dead time control.
Features:
D Complete PWM Power Control Circuit
D Adjustable Dead Time: 0 to 100%
D No Double Pulsing of Same Output during Load Transient Condition
D Dual Error Amplifiers have Wide Common Mode Input Voltage Capability: –0.3V to VCC –2V
D Circuit Architecture Provides Easy Synchronization
D Uncommitted Outputs for 250mA Sink or Source
D With Miss–Operation Prevention Circuit for Low Level Supply Voltage
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
41V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Error Amplifier Input Voltage, VICM
VCC +0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage, VCER
41V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TA = +25°C), PT
1000mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions:
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
7
40
V
Output Voltage
VCER
–0.3
40
V
Output Current
IC
200
mA
Error Amplifier Sink Current
IOAMP
–0.3
mA
Timing Capacitor
CT
0.47
10000
nF
Timing Resistance
RT
1.8
500
k
Oscillation Frequency
fosc
1
300
kHz
Operating Temperature
Topt
–20
+70
°C


Similar Part No. - NTE1729

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1720 NTE-NTE1720 Datasheet
26Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Regulator
NTE1721 NTE-NTE1721 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Regulator
NTE1722 NTE-NTE1722 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1723 NTE-NTE1723 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Regulator
NTE1724 NTE-NTE1724 Datasheet
33Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
More results

Similar Description - NTE1729

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1753 NTE-NTE1753 Datasheet
36Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1722 NTE-NTE1722 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE1720 NTE-NTE1720 Datasheet
26Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Regulator
NTE1721 NTE-NTE1721 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Regulator
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A_05 Datasheet
145Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
SG3525A ONSEMI-SG3525A_09 Datasheet
146Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
logo
Texas Instruments
TL1454CPW TI1-TL1454CPW Datasheet
384Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454A TI1-TL1454A_14 Datasheet
894Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com