Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS053-D53TP50D Datasheet(PDF) 1 Page - Crydom Inc.,

Part # HS053-D53TP50D
Description  HS053 Series Assemblies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

HS053-D53TP50D Datasheet(HTML) 1 Page - Crydom Inc.,

  HS053-D53TP50D Datasheet HTML 1Page - Crydom Inc., HS053-D53TP50D Datasheet HTML 2Page - Crydom Inc., HS053-D53TP50D Datasheet HTML 3Page - Crydom Inc., HS053-D53TP50D Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DataSheet
DIN Rail Mount
HS053 Series Assemblies
82.5 amp AC output @ 40°C
Single Channel or 3 Phase output
3 to 32 VDC input control voltage
Panel mounted
uL, CSA, VDE, CE approved SSRs
PRODUCT SELECTION
82.5A
82.5A
Description
3-32 VDC Control
HS053-D24125
HS053-HD60125
OUTPUT SPECIFICATIONS
HS053-HD60125
HS053-D24125
Description
Operating Voltage (47-63Hz) [Vrms]
24-280
48-660
Transient Overvoltage [Vpk]
600
1200
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
1.0
1.0
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (2)
500
500
Maximum Load Current [Arms]
82.5
82.5
Minimum Load Current [Arms]
150
150
Maximum Surge Current (16.6ms) [Apk]
1200
1200
Maximum On-State Voltage Drop @ Rated Current [Vac]
1.15
1.15
Maximum I²t for Fusing (8.3 msec) [A² sec]
6000
6000
Minimum Power Factor (with Maximum Load)
0.5
0.5
INPUT SPECIFICATIONS
HS053-HD60125
HS053-D24125
Description
Control Voltage Range
3-32 VDC
4-32 VDC
Minimum Turn-On Voltage
3.0 VDC
4.0 VDC
Minimum Turn-Off Voltage
1.0 VDC
1.0 VDC
Maximum Reverse Voltage
-32 VDC
-32 VDC
Minimum Input Current
7.0 mA
7.0 mA
Nominal Input Impeadance
Current Regulated
Current Regulated
Maximum Turn-On Time [msec]
1/2 Cycle
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
1/2 Cycle
GENERAL SPECIFICATIONS
Parameters
Description
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80°C
Ambient Storage Temperature Range
-40 to 125°C
Status Indicator Display
None
Weight (typical)
3.31 lb. (150 g)
Recommended Terminal Screw Torque Range: (in-lb/Nm)
6-32 Screws - 13-15/1.5-1.7. 8-32 Screws - 18-20/2-2.2
(Screws dry without grease)
Thermal pad installed
Yes
GENERAL NOTES
(1)
All parameters at 25°C unless otherwise specified.
(2)
Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
Epoxy free design
Maximum Input Current
12 mA
12 mA
(1)
(1)
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.


Similar Part No. - HS053-D53TP50D

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HS053-D24125 CRYDOM-HS053-D24125 Datasheet
561Kb / 4P
   DIN Rail Mount
More results

Similar Description - HS053-D53TP50D

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57227 EPCOS-B57227 Datasheet
201Kb / 8P
   Probe assemblies
logo
Microsemi Corporation
US12 MICROSEMI-US12 Datasheet
153Kb / 4P
   RECTIFIERS ASSEMBLIES
678 MICROSEMI-678 Datasheet
118Kb / 3P
   RECTIFIERS ASSEMBLIES
logo
TDK Electronics
B57514K0493A001 TDK-B57514K0493A001 Datasheet
235Kb / 9P
   Probe assemblies
logo
Microsemi Corporation
679 MICROSEMI-679 Datasheet
129Kb / 3P
   RECTIFIERS ASSEMBLIES
673 MICROSEMI-673 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES
logo
ORION FANS
GRM92-30 ORIONFANS-GRM92-30 Datasheet
317Kb / 1P
   Filter Assemblies
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Glenair, Inc.
220-07H10 GLENAIR-220-07H10 Datasheet
424Kb / 1P
   Receptacle Assemblies
logo
Dynex Semiconductor
AN4505 DYNEX-AN4505 Datasheet
116Kb / 5P
   Power Assemblies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com