Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA6050-10 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # HA6050-10
Description  HA / HD60 Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

HA6050-10 Datasheet(HTML) 2 Page - Crydom Inc.,

  HA6050-10 Datasheet HTML 1Page - Crydom Inc., HA6050-10 Datasheet HTML 2Page - Crydom Inc., HA6050-10 Datasheet HTML 3Page - Crydom Inc., HA6050-10 Datasheet HTML 4Page - Crydom Inc., HA6050-10 Datasheet HTML 5Page - Crydom Inc., HA6050-10 Datasheet HTML 6Page - Crydom Inc., HA6050-10 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INPUT SPECIFICATIONS (5)
HA60xxE
HA60xx
HD60xx
Description
Control Voltage Range
4-32 VDC
90-280 Vrms
18-36 Vrms
Minimum Turn-On Voltage
4.0 VDC (7)
90 Vrms
18 Vrms
Must Turn-Off Voltage
1.0 VDC
10 Vrms
4.0 Vrms
Maximum Reverse Voltage
-32 VDC
-
-
Minimum Input Current
7.0 mA
5 mA
16 mA
Maximum Input Current
12 mA
10 mA
20 mA
Nominal Input Impedance
Current Regulated
Maximum Turn-On Time [msec]
1/2 Cycle (8)
20
20
Maximum Turn-Off Time [msec]
1/2 Cycle
30
30
GENERAL SPECIFICATIONS (5)
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
2.6 oz (74.9 g)
Housing Material
UL94 V-0
Baseplate Material
Aluminum
Input Terminal Screw Torque Range (in-lb/Nm)
13-15 /1.5-1.7
Load Terminal Screw Torque Range (in-lb/Nm)
18-20 / 2.0-2.2
SSR Mounting Screw Torque Range (in-lb/Nm)
18-20 / 2.0-2.2
Humidity
per IEC60068-2-78
93% non-condensing
LED Input Status Indicator
w/”G” option (green)
MTBF (Mean Time Between Failures) at 40°C ambient temperature (9)
11,641,553 hours (1,328 years)
MTBF (Mean Time Between Failures) at 60°C ambient temperature (9)
7,210,376 hours (823 years)
WIRING DIAGRAM
1
4
2
3
S OL I D S T A T E R EL A Y
OUTPUT
INPUT
Load (10)
V
4 (– / )
3 (+ / )
1 ( )
2 ( )
AC
Input
Output
24 AWG (0.2 mm2) / 0.2 [minimum]
2 x 12 AWG (3.3 mm2) / 3.3 [maximum]
20 AWG (0.5 mm2) / 0.518 [minimum]
2 x 10 AWG (5.3 mm2) / 5.3
2 x 8 AWG (8.4 mm2) / 8.4 [maximum]
10 [44.5]
90 [400]
30 [133]
110 [490]
90 [400]
Wire Size
(Solid / Stranded)
Terminals
Wire Pull-Out
Strength (lb)[N]
Recommended Wire Sizes
15
20
25
10
5
0
5
10
15
20
25
30
0
DC Input Voltage
Input Current vs Input Voltage
Standard Regulated DC Input
EQUIVALENT CIRCUIT BLOCK DIAGRAMS
Diagram: HD60xx
+DC
-DC
AC
Trigger
Circuit
Current
Limiter
AC
3
4
2
1
(11)
(12)
Diagram: HAxxxx
AC
AC
AC
Trigger
Circuit
Current
Limiter
AC
3
4
2
1
AC/DC
Converter
(11)
(12)
Input/Load terminal Screw Torque Range (in-lb/Nm) (2)
w/”K” option 8-10 / 0.9-1.13
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
Panel Mount
Input/Output Terminal Screw Thread Size
#6-32 UNC / #8-32 UNC


Similar Part No. - HA6050-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA6050 ETC1-HA6050 Datasheet
84Kb / 3P
   25-125Amp 600 Vac AC Output
logo
Crydom Inc.,
HA6050 CRYDOM-HA6050 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
HA6050 CRYDOM-HA6050 Datasheet
747Kb / 7P
   panel mount
HA6050E CRYDOM-HA6050E Datasheet
747Kb / 7P
   panel mount
More results

Similar Description - HA6050-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HD60125K-10 CRYDOM-HD60125K-10 Datasheet
938Kb / 7P
   HA / HD60 Series
HD4850-10 CRYDOM-HD4850-10 Datasheet
760Kb / 8P
   HA / HD48 Series
HD4890K-10 CRYDOM-HD4890K-10 Datasheet
1,016Kb / 8P
   HA / HD48 Series
logo
NEC
A1080A NEC-A1080A Datasheet
108Kb / 2P
   Scalable HA Server Series
logo
Faraday Technology
HA7425FP FARADAY-HA7425FP Datasheet
198Kb / 2P
   HA SERIES HDTV FILTERS
logo
Contec Co., Ltd
CPSA-PCB100 CONTEC-CPSA-PCB100 Datasheet
512Kb / 3P
   ha Series PLC-Backup
logo
Tyco Electronics
2-1105100-1 MACOM-2-1105100-1 Datasheet
52Kb / 1P
   PIN CONTACT SERIES HA. HE. HVE
2-1105101-2 MACOM-2-1105101-2 Datasheet
81Kb / 1P
   SOCKET CONTACT SERIES HA. HE. HVE
2-1105100-2 MACOM-2-1105100-2 Datasheet
52Kb / 1P
   PIN CONTACT SERIES HA. HE. HVE
2-1105101-1 MACOM-2-1105101-1 Datasheet
81Kb / 1P
   SOCKET CONTACT SERIES HA. HE. HVE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com