Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC3P48A411 Datasheet(PDF) 8 Page - Crydom Inc.,

Part # DRC3P48A411
Description  DRC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3P48A411 Datasheet(HTML) 8 Page - Crydom Inc.,

Back Button DRC3P48A411 Datasheet HTML 4Page - Crydom Inc., DRC3P48A411 Datasheet HTML 5Page - Crydom Inc., DRC3P48A411 Datasheet HTML 6Page - Crydom Inc., DRC3P48A411 Datasheet HTML 7Page - Crydom Inc., DRC3P48A411 Datasheet HTML 8Page - Crydom Inc., DRC3P48A411 Datasheet HTML 9Page - Crydom Inc., DRC3P48A411 Datasheet HTML 10Page - Crydom Inc., DRC3P48A411 Datasheet HTML 11Page - Crydom Inc., DRC3P48A411 Datasheet HTML 12Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AGENCY APPROVALS
Certification in accordance with:
United States Standard for Industrial Control Equipment - UL 508 and
Canadian Standard Association for Industrial Control Equipment – C22.2 No. 14.
China Compulsory Certification for AC Semiconductor Motor Controller-GB14048.6-2008
DRC3 series conforms to the harmonized EN standard EN/IEC 60947-4-2
Electromagnetic Compatibility:
IEC 61000-4-2 : Electrostatic Discharge – Level 3
IEC 61000-4-4 : Electrically Fast Transients – Level 3
IEC 61000-4-5 : Electrical Surges – Level 3
Vibration Resistance:
IEC 60068-2-6 : Amplitude Range 10-55 Hz, Displacement 0.75mm
Shock Resistance:
IEC 60068-2-27 : Peak Acceleration 15g, Duration11msec.
E116949
(Only DRCx40x4x & DRCx48x4x)
FWD
REV
Open
Close
Open
Close
Input A1
Input A3
Open
Open
Close
Close
Off
On
Off
Off
Off
Off
On
Off
TIMING DIAGRAM
1, 4, 10
3, 9
4
5
STEP
DESCRIPTION
A1 is activated, FWD Output waits for 100msec
FWD direction is activated
A1 changes to off. FWD Output is disabled at the same time
A3 is activated. REV Outputs waits for 100msec
2
6
REV direction is On
8
A3 is open, A1 is closed, activation delayed 100msec
7
Interlock fuction is activated. REV is disabled due to A1 & A3 both being active
Initial Condition. A1 & A3 open
Input/Output
1
2
3
4
5
6
7
8
9
10
Input A1
Input A3
FWD Direction
100 msec
100 msec
REV Direction
100 msec
TIMING DIAGRAM FOR DRC3R
interlock
s
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount
Agency Approvals


Similar Part No. - DRC3P48A411

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3P48A411 CRYDOM-DRC3P48A411 Datasheet
1Mb / 12P
   DRC Series
DRC3P48A411 CRYDOM-DRC3P48A411 Datasheet
1Mb / 12P
   DIN Rail Mount
DRC3P48A411R2 CRYDOM-DRC3P48A411R2 Datasheet
1Mb / 12P
   DIN Rail Mount
DRC3P48A411R2 CRYDOM-DRC3P48A411R2 Datasheet
536Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRC3P48A411

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3R48D420 CRYDOM-DRC3R48D420 Datasheet
1Mb / 12P
   DRC Series
DRC3P48B400R2 CRYDOM-DRC3P48B400R2 Datasheet
1Mb / 12P
   DRC Series
logo
TE Connectivity Ltd
DRC26-40SX TEC-DRC26-40SX Datasheet
237Kb / 1P
   PLUG 40 CONTACTS, SIZE 20 DRC SERIES
31MAR2005
DRC16-40S-P013 TEC-DRC16-40S-P013 Datasheet
89Kb / 1P
   PLUG 40 SIZE 16 -P013 MOD DRC SERIES
2-21-06
C-DRC16-70SAX TEC-C-DRC16-70SAX Datasheet
485Kb / 1P
   PLUG CONNECTOR DRC 70 SERIES KEY ARRANGEMENT -A-
logo
ERNI Electronics
DC0007423 ERNI-DC0007423 Datasheet
89Kb / 1P
   0.8 DRC-Q, F 32 polig 0.8 DRC-Q, F 32 pin
DC0007469 ERNI-DC0007469 Datasheet
74Kb / 1P
   0.8 DRC-Q, F 12 polig 0.8 DRC-Q, F 12 pin
DC0007429 ERNI-DC0007429 Datasheet
98Kb / 1P
   0.8 DRC-Q, F 68 polig 0.8 DRC-Q, F 68 pin
DC0007481 ERNI-DC0007481 Datasheet
86Kb / 1P
   0.8 DRC-Q, F 26 polig 0.8 DRC-Q, F 26 pin
DC0007425 ERNI-DC0007425 Datasheet
93Kb / 1P
   0.8 DRC-Q, F 40 polig 0.8 DRC-Q, F 40 pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com