Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC3P48D400R2 Datasheet(PDF) 7 Page - Crydom Inc.,

Part # DRC3P48D400R2
Description  DRC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3P48D400R2 Datasheet(HTML) 7 Page - Crydom Inc.,

Back Button DRC3P48D400R2 Datasheet HTML 3Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 4Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 5Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 6Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 7Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 8Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 9Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 10Page - Crydom Inc., DRC3P48D400R2 Datasheet HTML 11Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DRC3R REVERSING CONTACTOR (20)
L1
T1
L2
T2
L3
T3
DRC3R
A1
A2
13
14
Forward
23
24
L1
T1
L2
T2
L3
T3
A3
A2
Reverse
DRC3Rxx4
20
models only
INPUT
STATUS
A1
A2
L1
L2
L3
T1
T2
T3
XXXX
IND. CONT. EQ.
DRC3RXXX400XX
INPUT
STATUS
13
23
A1
14
24
A2
L1
L2
L3
T1
T2
T3
XXXX
IND. CONT. EQ.
DRC3RXXX420XX
L1
L2
L3
L1
L2
L3
DRC3Rxx400
DRC3Rxx420
48-415 VAC, 50 - 60 Hz
48-510 VAC, 50 - 60 Hz
CONTROL
INPUT
(Forward)
CONTROL
INPUT
(Common)
CONTROL
INPUT
(Reverse)
CONTROL
INPUT
(Reverse)
/ >
/ >
/ >
/ >
/ >
/ >
Short circuit and overload current
protection (see page 5)
T1
T2
T3
T1
T2
T3
T1
T2
T3
M
3
Motor Controller /
AC-53a Application
Overload current
protection needs to
be considered
CONTROL
INPUT
(Forward)
CONTROL
INPUT
(Common)
A3
A3
Reverse
Forward
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount


Similar Part No. - DRC3P48D400R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3P48D400R2 CRYDOM-DRC3P48D400R2 Datasheet
1Mb / 12P
   DIN Rail Mount
DRC3P48D400R2 CRYDOM-DRC3P48D400R2 Datasheet
536Kb / 2P
   DIN Rail Mount
DRC3P48D400R2 CRYDOM-DRC3P48D400R2_17 Datasheet
536Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRC3P48D400R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3R48D420 CRYDOM-DRC3R48D420 Datasheet
1Mb / 12P
   DRC Series
DRC3P48B400R2 CRYDOM-DRC3P48B400R2 Datasheet
1Mb / 12P
   DRC Series
logo
TE Connectivity Ltd
DRC26-40SX TEC-DRC26-40SX Datasheet
237Kb / 1P
   PLUG 40 CONTACTS, SIZE 20 DRC SERIES
31MAR2005
DRC16-40S-P013 TEC-DRC16-40S-P013 Datasheet
89Kb / 1P
   PLUG 40 SIZE 16 -P013 MOD DRC SERIES
2-21-06
C-DRC16-70SAX TEC-C-DRC16-70SAX Datasheet
485Kb / 1P
   PLUG CONNECTOR DRC 70 SERIES KEY ARRANGEMENT -A-
logo
ERNI Electronics
DC0007423 ERNI-DC0007423 Datasheet
89Kb / 1P
   0.8 DRC-Q, F 32 polig 0.8 DRC-Q, F 32 pin
DC0007469 ERNI-DC0007469 Datasheet
74Kb / 1P
   0.8 DRC-Q, F 12 polig 0.8 DRC-Q, F 12 pin
DC0007429 ERNI-DC0007429 Datasheet
98Kb / 1P
   0.8 DRC-Q, F 68 polig 0.8 DRC-Q, F 68 pin
DC0007481 ERNI-DC0007481 Datasheet
86Kb / 1P
   0.8 DRC-Q, F 26 polig 0.8 DRC-Q, F 26 pin
DC0007425 ERNI-DC0007425 Datasheet
93Kb / 1P
   0.8 DRC-Q, F 40 polig 0.8 DRC-Q, F 40 pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com