Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC3P48B400 Datasheet(PDF) 4 Page - Crydom Inc.,

Part # DRC3P48B400
Description  DRC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3P48B400 Datasheet(HTML) 4 Page - Crydom Inc.,

  DRC3P48B400 Datasheet HTML 1Page - Crydom Inc., DRC3P48B400 Datasheet HTML 2Page - Crydom Inc., DRC3P48B400 Datasheet HTML 3Page - Crydom Inc., DRC3P48B400 Datasheet HTML 4Page - Crydom Inc., DRC3P48B400 Datasheet HTML 5Page - Crydom Inc., DRC3P48B400 Datasheet HTML 6Page - Crydom Inc., DRC3P48B400 Datasheet HTML 7Page - Crydom Inc., DRC3P48B400 Datasheet HTML 8Page - Crydom Inc., DRC3P48B400 Datasheet HTML 9Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SWITCHING FREQUENCY/LOAD CHARACTERISTIC FOR ALL DEVICES
I
L : Load Operating Current
I
R : Rated Full Load Current [FLA]
I
D : Direct-On-Line Inrush Current
t
L : Load Operating Current Time
t
D : Direct-On-Line Inrush Current Time
t
C : Cycle Time
t
On : On Time
t
Off : Off Time
Without overload relay (limit given by the contactor itself)
With overload relay (limit given by the overload relay itself)
tD (sec)
0.1
1
10
100
0.05
5000
2700
350
35
0.1
3200
1950
350
35
0.2
950
320
35
0.4
500
280
35
0.8
290
160
35
1.6
110
30
3.2
75
25
t
On (sec)
tD (sec)
0.1
1
10
100
0.05
6000
3550
350
35
0.1
4100
3000
350
35
0.2
1300
350
35
0.4
700
320
35
0.8
400
320
35
1.6
125
35
3.2
90
35
t
On (sec)
tD (sec)
0.1
1
10
100
0.05
7450
3200
350
35
0.1
4050
2100
350
35
0.2
1200
350
35
0.4
650
320
35
0.8
350
280
35
1.6
180
35
3.2
90
35
t
On (sec)
tD (sec)
0.1
1
10
100
0.05
9000
3550
350
35
0.1
5400
3550
350
35
0.2
1700
350
35
0.4
850
350
35
0.8
560
350
35
1.6
240
35
3.2
180
35
t
On (sec)
tD (sec)
0.1
1
10
100
0.05
2200
1650
330
30
0.1
1500
1000
280
28
0.2
550
255
26
0.4
250
150
24
0.8
80
60
20
1.6
40
16
3.2
t
On (sec)
tD (sec)
0.1
1
10
100
0.05
2800
1800
320
35
0.1
1700
1300
310
32
0.2
650
290
30
0.4
300
200
26
0.8
200
90
25
1.6
65
25
3.2
t
On (sec)
tD (sec)
0.1
1
10
100
0.05
5150
2800
260
35
0.1
2850
1920
250
34
0.2
1100
250
33
0.4
600
200
32
0.8
320
200
30
1.6
120
25
3.2
75
20
t
On (sec)
tD (sec)
0.1
1
10
100
0.05
5600
3200
350
35
0.1
3200
2700
350
35
0.2
1400
350
35
0.4
700
350
35
0.8
350
280
35
1.6
170
35
3.2
80
25
t
On (sec)
Table 1
• High inrush current (ID/IR= 4 to 7.2)
• Full load (IL/IR= 1)
Table 2
• High inrush current (ID/IR= 4 to 7.2)
• 60% load (IL/IR= 0.6)
Table 3
• Low inrush current (ID/IR < 4 )
• Full load (IL/IR= 1)
Table 4
• Low inrush current (ID/IR < 4 )
• 60% load (IL/IR= 0.6)
Table 5
• High inrush current (ID/IR= 4 to 7.2)
• Full load (IL/IR= 1)
Table 6
• High inrush current (ID/IR= 4 to 7.2)
• 60% load (IL/IR= 0.6)
Table 7
• Low inrush current (ID/IR < 4 )
• Full load (IL/IR= 1)
Table 8
• Low inrush current (ID/IR < 4 )
• 60% load (IL/IR= 0.6)
I
D
I
R
I
L
t
D
t
L
t
C
t
On
t
Off
MAXIMUM ALLOWABLE NUMBER OF STARTS PER HOUR DEPENDING ON THE STARTING
TIME tD AND THE ON PERIOD tOn (as for standard IEC 60947-4-2) FOR ALL DEVICES
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount


Similar Part No. - DRC3P48B400

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3P48B400 CRYDOM-DRC3P48B400 Datasheet
1Mb / 12P
   DIN Rail Mount
DRC3P48B400R2 CRYDOM-DRC3P48B400R2 Datasheet
1Mb / 12P
   DIN Rail Mount
DRC3P48B400R2 CRYDOM-DRC3P48B400R2 Datasheet
536Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRC3P48B400

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3R48D420 CRYDOM-DRC3R48D420 Datasheet
1Mb / 12P
   DRC Series
DRC3P48D400R2 CRYDOM-DRC3P48D400R2 Datasheet
1Mb / 12P
   DRC Series
logo
TE Connectivity Ltd
DRC26-40SX TEC-DRC26-40SX Datasheet
237Kb / 1P
   PLUG 40 CONTACTS, SIZE 20 DRC SERIES
31MAR2005
DRC16-40S-P013 TEC-DRC16-40S-P013 Datasheet
89Kb / 1P
   PLUG 40 SIZE 16 -P013 MOD DRC SERIES
2-21-06
C-DRC16-70SAX TEC-C-DRC16-70SAX Datasheet
485Kb / 1P
   PLUG CONNECTOR DRC 70 SERIES KEY ARRANGEMENT -A-
logo
ERNI Electronics
DC0007423 ERNI-DC0007423 Datasheet
89Kb / 1P
   0.8 DRC-Q, F 32 polig 0.8 DRC-Q, F 32 pin
DC0007469 ERNI-DC0007469 Datasheet
74Kb / 1P
   0.8 DRC-Q, F 12 polig 0.8 DRC-Q, F 12 pin
DC0007429 ERNI-DC0007429 Datasheet
98Kb / 1P
   0.8 DRC-Q, F 68 polig 0.8 DRC-Q, F 68 pin
DC0007481 ERNI-DC0007481 Datasheet
86Kb / 1P
   0.8 DRC-Q, F 26 polig 0.8 DRC-Q, F 26 pin
DC0007425 ERNI-DC0007425 Datasheet
93Kb / 1P
   0.8 DRC-Q, F 40 polig 0.8 DRC-Q, F 40 pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com