Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC3P48B400R2 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # DRC3P48B400R2
Description  DRC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3P48B400R2 Datasheet(HTML) 2 Page - Crydom Inc.,

  DRC3P48B400R2 Datasheet HTML 1Page - Crydom Inc., DRC3P48B400R2 Datasheet HTML 2Page - Crydom Inc., DRC3P48B400R2 Datasheet HTML 3Page - Crydom Inc., DRC3P48B400R2 Datasheet HTML 4Page - Crydom Inc., DRC3P48B400R2 Datasheet HTML 5Page - Crydom Inc., DRC3P48B400R2 Datasheet HTML 6Page - Crydom Inc., DRC3P48B400R2 Datasheet HTML 7Page - Crydom Inc., DRC3P48B400R2 Datasheet HTML 8Page - Crydom Inc., DRC3P48B400R2 Datasheet HTML 9Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SOLID STATE AUXILIARY CONTACTS(1)
Description
Operating Voltage Range (47-63Hz) [Vrms] (9)
Transient Overvoltage [Vpk]
Maximum Load Current [Arms]
Minimum Load Current [mA]
Maximum Surge Current [Apk] 1 Cycle 60Hz
Maximum Surge Current [Apk] 1 Cycle 50Hz
Maximum I2t for Fusing (8.33msec)[A2sec]
Normally Open Suffix 2x,1x
18-280
600
1
5
40
38
6.7
Normally Closed Suffix x1
18-280
600
1
5
40
38
6.7
Maximum I2t for Fusing (10msec)[A2sec]
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec]
Maximum Delay to Turn-On [msec] (7)
Maximum Turn-Off Time [msec]
7.2
0.1
500
30
40
7.2
5 mA
500
80
40
OUTPUT SPECIFICATIONS (1)
DRC3P48x4x2
DRC3P48x4x
Description
Load Current, General Use UL508 /AC51 @40°C [Arms] (4)
5
7.6
Load Current, Motor Controller UL508 /AC-53a @480VAC [Arms] (4)
4.8
7.6
Minimum Load Current [Arms]
0.15
0.15
Maximum Surge Current [Apk] 1 Cycle 60Hz
750
750
Maximum Surge Current [Apk] 1 Cycle 50Hz
716
716
Maximum I2t for Fusing (8.33msec)[A2sec]
2330
2330
Maximum I2t for Fusing (10msec)[A2sec]
2560
2560
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.35 per channel
1.35 per channel
Minimum Power Factor (with Maximum Load)
0.5
0.5
Ratings according to UL 508/IEC60947-4-2 [HP/kW]: 240 VAC
1/.75
2/1.5
Ratings according to UL 508/IEC60947-4-2 [HP/kW]: 400 VAC
2/1.5
3/2.2
Ratings according to UL 508/IEC60947-4-2 [HP/kW]: 480 VAC
3/2.2
5/3.7
Operating Voltage (47-63Hz) [Vrms]
48-530
48-530
Transient Overvoltage [Vpk] (2)(3)
1200
1200
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
3.0
3.0
Maximum Off-State dv/dt @ Maximum Rated Voltage [V/µsec]
500
500
DRC3P60x4x2
DRC3P60x4x
5
7.6
4.8
7.6
0.15
0.15
750
750
716
716
2330
2330
2560
2560
1.35 per channel
1.35 per channel
0.7
0.7
1/.75
2/1.5
2/1.5
3/2.2
3/2.2
5/3.7
48-600
48-600
1200
1200
1.0
1.0
500
500
DRC3R48x4x
DRC3R40x4x
7.6
7.6
7.6
7.6
0.15
0.15
750
625
716
597
2330
1621
2560
1779
1.5 per channel
1.5 per channel
0.5
0.5
2/1.5
2/1.5
3/2.2
3/2.2
-
5/3.7
Motor Ratings @ 600 VAC [HP/kW]
-
-
3/2.2
5/3.7
-
-
48-415
48-510
1200
1600
5.5
5.5
500
500
GENERAL SPECIFICATIONS (1)
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz) (10)
3750 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohms
Maximum Capacitance, Input/Output
20 pF
Ambient Operating Temperature Range (11)
-30 to 80 °C
Ambient Storage Temperature Range
-40 to 100 °C
Weight (typical)
2 Controlled Legs (6.9 oz [197 g]) / 3 Controlled Legs (8.0 oz [228 g])
Housing Material
UL94 V-0
Housing Color
Black and Light Gray
LED Status Indicator (color) (12)
Forward (Green) / Reverse (Amber)
Short Circuit Current Rating (13)
100kA
Control and Auxiliary Contact Terminal Screw Torque Range (in-lb/Nm)
12 / 1.36
Load Terminal Screw Torque Range (in-lb/Nm)
15 / 1.7
Input Terminal Wire Capacity
18-12 AWG (IEC 1-4 mm2) (stranded /solid)
Output Terminal Wire Capacity
18-10 AWG (IEC 1-6 mm2 ) (stranded /solid)
Humidity
85% non-condensing
Protection Degree (15)
IP20
Pollution Degree
2
MTBF (Mean Time Between Failures) at 60°C ambient temperature (14)
390,000 hours (44 years)
MTBF (Mean Time Between Failures) at 40°C ambient temperature (14)
1,398,000 hours (159 years)
INPUT SPECIFICATIONS (1)
Description
Option B
Control Voltage Range (5)
90-140 VAC
Minimum Turn-On Voltage (6)
90 VAC
Must Turn-Off Voltage
10 VAC
Minimum Input Current (for on-state) [mA]
7.5
Maximum Input Current [mA]
13
Nominal Input Impedance [Ohms]
12.5k
Maximum Delay to Turn-On [msec] (7)
30
Option A
208-265 VAC
208 VAC
40 VAC
6.1
8
33k
30
Option C
36-55 VAC / VDC
36 VAC / VDC
4 VAC / VDC
12
20
3k
30
Maximum Turn-Off Time [msec] (8)
40
40
40
Option D
18-30 VAC / VDC
18 VAC / VDC
4 VAC / VDC
12.5
32
0.93k
20
30
Option E
18-30 VDC
18 VDC
4 VDC
12.5
32
0.93k
100
± 30
20
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount


Similar Part No. - DRC3P48B400R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3P48B400R2 CRYDOM-DRC3P48B400R2 Datasheet
1Mb / 12P
   DIN Rail Mount
DRC3P48B400R2 CRYDOM-DRC3P48B400R2 Datasheet
536Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRC3P48B400R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3R48D420 CRYDOM-DRC3R48D420 Datasheet
1Mb / 12P
   DRC Series
DRC3P48D400R2 CRYDOM-DRC3P48D400R2 Datasheet
1Mb / 12P
   DRC Series
logo
TE Connectivity Ltd
DRC26-40SX TEC-DRC26-40SX Datasheet
237Kb / 1P
   PLUG 40 CONTACTS, SIZE 20 DRC SERIES
31MAR2005
DRC16-40S-P013 TEC-DRC16-40S-P013 Datasheet
89Kb / 1P
   PLUG 40 SIZE 16 -P013 MOD DRC SERIES
2-21-06
C-DRC16-70SAX TEC-C-DRC16-70SAX Datasheet
485Kb / 1P
   PLUG CONNECTOR DRC 70 SERIES KEY ARRANGEMENT -A-
logo
ERNI Electronics
DC0007423 ERNI-DC0007423 Datasheet
89Kb / 1P
   0.8 DRC-Q, F 32 polig 0.8 DRC-Q, F 32 pin
DC0007469 ERNI-DC0007469 Datasheet
74Kb / 1P
   0.8 DRC-Q, F 12 polig 0.8 DRC-Q, F 12 pin
DC0007429 ERNI-DC0007429 Datasheet
98Kb / 1P
   0.8 DRC-Q, F 68 polig 0.8 DRC-Q, F 68 pin
DC0007481 ERNI-DC0007481 Datasheet
86Kb / 1P
   0.8 DRC-Q, F 26 polig 0.8 DRC-Q, F 26 pin
DC0007425 ERNI-DC0007425 Datasheet
93Kb / 1P
   0.8 DRC-Q, F 40 polig 0.8 DRC-Q, F 40 pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com