Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2425K-10 Datasheet(PDF) 4 Page - Crydom Inc.,

Part # D2425K-10
Description  Series 1 240 VAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

D2425K-10 Datasheet(HTML) 4 Page - Crydom Inc.,

  D2425K-10 Datasheet HTML 1Page - Crydom Inc., D2425K-10 Datasheet HTML 2Page - Crydom Inc., D2425K-10 Datasheet HTML 3Page - Crydom Inc., D2425K-10 Datasheet HTML 4Page - Crydom Inc., D2425K-10 Datasheet HTML 5Page - Crydom Inc., D2425K-10 Datasheet HTML 6Page - Crydom Inc., D2425K-10 Datasheet HTML 7Page - Crydom Inc., D2425K-10 Datasheet HTML 8Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SURGE CURRENT INFORMATION
0
20
40
60
80
100
120
0.01
0.1
1
10
Surge Duration (Secs)
10 A
0
50
100
150
200
250
0.01
0.1
1
10
Surge Duration (Secs)
25 A
0
100
200
300
400
500
600
0.01
0.1
1
10
Surge Duration (Secs)
50 A
0
100
200
400
300
500
600
700
900
800
0.01
0.1
1
10
Surge Duration (Secs)
75 A
0
150
450
300
600
750
900
1200
1050
0.01
0.1
1
10
Surge Duration (Secs)
90 A
0
300
600
900
1200
1500
0.01
0.1
1
10
Surge Duration (Secs)
110 A
0
200
400
800
600
1000
1200
1400
1800
1600
0.01
0.1
1
10
Surge Duration (Secs)
125 A
Non repetitive peak surge current at Tj initial 40ºC.
Do not forget to visit us at: www.crydom.com
Copyright © 2016 Crydom Inc. Specifications subject to change without notice.
Datasheet
Panel Mount


Similar Part No. - D2425K-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2425 ETC1-D2425 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Crydom Inc.,
D2425 CRYDOM-D2425 Datasheet
748Kb / 5P
   SCR output for heavy industrial loads
D2425 CRYDOM-D2425 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
D2425 CRYDOM-D2425 Datasheet
822Kb / 6P
   panel mount
D2425 CRYDOM-D2425 Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
More results

Similar Description - D2425K-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
4A1210EFPGH-10 CRYDOM-4A1210EFPGH-10 Datasheet
827Kb / 6P
   Series 1 240 VAC
D2410FPG-10 CRYDOM-D2410FPG-10 Datasheet
1,017Kb / 8P
   Series 1 240 VAC
logo
Schneider Electric
8538SCG13S8V03 SCHNEIDER-8538SCG13S8V03 Datasheet
66Kb / 2P
   NEMA Combination Starter, Type S, 60A fusible disconnect, Size 1, 27A, 7.5 HP at 240 VAC polyphase, 240 VAC coil, NEMA 1
Sep 11, 2023
8538SCG33S8V03 SCHNEIDER-8538SCG33S8V03 Datasheet
96Kb / 2P
   NEMA Combination Starter, Type S, 60A fusible disconnect, Size 1, 27A, 7.5 HP at 240 VAC polyphase, 240 VAC coil, NEMA 1
Sep 11, 2023
8538SCG12S8V03 SCHNEIDER-8538SCG12S8V03 Datasheet
65Kb / 2P
   NEMA Combination Starter, Type S, 30A fusible disconnect, Size 1, 27A, 5 HP at 240 VAC polyphase, 240 VAC coil, NEMA 1
Sep 11, 2023
8538SCG32S8V03 SCHNEIDER-8538SCG32S8V03 Datasheet
65Kb / 2P
   NEMA Combination Starter, Type S, 30A fusible disconnect, Size 1, 27A, 5 HP at 240 VAC polyphase, 240 VAC coil, NEMA 1
Sep 11, 2023
logo
Crydom Inc.,
D4840-10 CRYDOM-D4840-10 Datasheet
746Kb / 7P
   Series 1 480 VAC
logo
Schneider Electric
8538SCW12S8V03 SCHNEIDER-8538SCW12S8V03 Datasheet
66Kb / 2P
   NEMA Combination Starter, Type S, 30A fusible disconnect, Size 1, 27A, 5 HP at 240 VAC polyphase, 240 VAC coil, NEMA 4X
Sep 11, 2023
8538SCA12S8V03 SCHNEIDER-8538SCA12S8V03 Datasheet
66Kb / 2P
   NEMA Combination Starter, Type S, 30A fusible disconnect, Size 1, 27A, 5 HP at 240 VAC polyphase, 240 VAC coil, NEMA 12
Sep 4, 2023
8538SCA22S8V03 SCHNEIDER-8538SCA22S8V03 Datasheet
66Kb / 2P
   NEMA Combination Starter, Type S, 30A fusible disconnect, Size 1, 27A, 5 HP at 240 VAC polyphase, 240 VAC coil, NEMA 12
Sep 4, 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com