Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9833A-47GY Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9833A-47GY
Description  Micro-Power Voltage Detectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9833A-47GY Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9833A-47GY Datasheet HTML 1Page - Richtek Technology Corporation RT9833A-47GY Datasheet HTML 2Page - Richtek Technology Corporation RT9833A-47GY Datasheet HTML 3Page - Richtek Technology Corporation RT9833A-47GY Datasheet HTML 4Page - Richtek Technology Corporation RT9833A-47GY Datasheet HTML 5Page - Richtek Technology Corporation RT9833A-47GY Datasheet HTML 6Page - Richtek Technology Corporation RT9833A-47GY Datasheet HTML 7Page - Richtek Technology Corporation RT9833A-47GY Datasheet HTML 8Page - Richtek Technology Corporation RT9833A-47GY Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9833
®
DS9833-00 May 2013
www.richtek.com
1
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Features
Internally Fixed Threshold 1V to 5V in 0.1V Step
High Accuracy
±±±±±1.5%
Low Supply Current 3
μμμμμA
No External Components Required
Quick Reset within 20
μμμμμs
Built-in Recovery Delay : 0ms, 55ms, 220ms, 450ms
Options
800ns Glitch Immunity of Manual Reset Input
Low Functional Supply Voltage 0.9V
N-Channel Open-Drain Output
Small SC-82 Package
RoHS Compliant and Halogen Free
Applications
Computers
Controllers
Intelligent Instruments
Critical
μP and μC Power Monitoring
Portable/Battery-Powered Equipment
Micro-Power Voltage Detectors with Manual Reset
General Description
The RT9833 is a micro-power voltage detector with
deglitched manual reset input supervising the power supply
voltage level for microprocessors (
μP) or digital systems.
It provides internally fixed threshold levels with 0.1V per
step ranging from 1V to 5V, which covers most digital
applications. It features low supply current of 3
μA. The
RT9833 performs supervisory function by sending out a
reset signal whenever the VDD voltage falls below a preset
threshold level. This reset signal will last the whole period
before VDD recovering. Once VDD recovered upcrossing
the threshold level, the reset signal will be released after
a certain delay time. To pull reset signal low manually,
just pull the manual reset input (MR) below the specified
VIL level. The RT9833 is available in the SC-82 package.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Simplified Application Circuit
RT9833
VDD
RESET/
RESET
VDD
µp
RESET/
RESET
GND
MR
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT9833
Package Type
Y : SC-82
Lead Plating System
G : Green (Halogen Free and Pb Free)
Threshold Voltage
12 : 1.2V
13 : 1.3V
:
49 : 4.9V
50 : 5.0V
-
Reset Active Timeout Period
A = 0ms (RESET)
B = 55ms (RESET)
C = 220ms (RESET)
D = 450ms (RESET)
E = 0ms (RESET)
F = 55ms (RESET)
G = 220ms (RESET)
H = 450ms (RESET)


Similar Part No. - RT9833A-47GY

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9832 RICHTEK-RT9832 Datasheet
173Kb / 12P
   PWM Duty Generator with Adjustable Duty Setting
RT9834 RICHTEK-RT9834 Datasheet
157Kb / 13P
   Micro-Power Voltage Detector with Manual Reset
RT9834A-12GH RICHTEK-RT9834A-12GH Datasheet
157Kb / 13P
   Micro-Power Voltage Detector with Manual Reset
RT9834A-12GY RICHTEK-RT9834A-12GY Datasheet
157Kb / 13P
   Micro-Power Voltage Detector with Manual Reset
RT9834A-13GH RICHTEK-RT9834A-13GH Datasheet
157Kb / 13P
   Micro-Power Voltage Detector with Manual Reset
More results

Similar Description - RT9833A-47GY

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
   Micro-Power Voltage Detectors
RT9816 RICHTEK-RT9816_13 Datasheet
175Kb / 10P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_11 Datasheet
215Kb / 14P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_13 Datasheet
239Kb / 13P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_16 Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
logo
List of Unclassifed Man...
RT9808 ETC-RT9808 Datasheet
200Kb / 12P
   MICRO POWER VOLTAGE DETECTORS
RT9809 ETC-RT9809 Datasheet
142Kb / 6P
   MICRO POWER VOLTAGE DETECTORS
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com