Electronic Components Datasheet Search |
|
5SMDJ180CA Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
5SMDJ180CA Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 4 page 5SMDJ Series 11V ~ 190V 5000W Peak Power Surface Mount TVS Elektronische Bauelemente 23-Mar-2012 Rev. A Page 1 of 4 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. A B E G D F C H RoHS Compliant Product A suffix of “-C” specifies halogen-free and lead-free FEATURES Glass passivated chip 5000W peak pulse power capability with a 10/1000µ Low leakage Uni and Bidirectional unit Very fast response time Excellent clamping capability MECHANICAL DATA Case: Molded Plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Lead free Plating (Tin Finish) Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Mounting position: Any Weight: 0.21 grams PACKAGE INFORMATION Package MPQ Leader Size SMC 3K 13 inch MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, de-rate current by 20%.) Ratings Symbol Value Units Peak Power Dissipation @ TA=25°C, T P=1ms PPK 5000 (Min.) W Peak Forward Surge Current @ 8.3ms single Half Sine-Wave superimposed on rated load (JEDEC method) 1 IFSM 300 A Maximum Instantaneous Forward voltage @ 35A for unidirectional only 2 VF 3.5 V Operating and Storage Temperature Range TJ, TSTG -55~150 °C Notes: 1. Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum 2. VF<3.5V for devices of VBR<200V SMC REF. Millimeter REF. Millimeter Min. Max. Min. Max. A 2.75 3.15 E - .203 B 6.6 7.11 F 7.75 8.13 C 5.59 6.22 G 0.76 1.27 D 2.00 2.62 H 0.15 0.31 |
Similar Part No. - 5SMDJ180CA |
|
Similar Description - 5SMDJ180CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |