Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2222AT Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMBT2222AT
Description  SOT-523 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMBT2222AT Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMBT2222AT Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBT2222AT Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBT2222AT Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBT2222AT Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.1
1
10
1
10
100
0.1
1
10
100
0
100
200
300
400
500
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
0
25
50
75
100
125
150
0
50
100
150
200
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
02
468
10
12
0.00
0.05
0.10
0.15
0.20
0.25
1
10
100
0.0
0.4
0.8
1.2
f=1MHz
I
E=0/ IC=0
T
a=25
20
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
COMMON EMITTER
V
CE=10V
600
I
C
T
a=25
T
a=100
COLLECTOR CURRENT I
C
(mA)
100
10
V
BE
I
C
——
COMMON EMITTER
V
CE=10V
600
T
a=100
T
a=25
BASE-EMMITER VOLTAGE V
BE (V)
P
c
——
T
a
AMBIENT TEMPERATURE Ta ( )
h
FE
——
600
β=10
T
a=100
T
a=25
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
Static Characteristic
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA
I
B=0.1mA
COMMON EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
600
β=10
I
C
V
BEsat
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
80
500
I
C
f
T
——
COMMON EMITTER
V
CE=20V
Ta=25℃
COLLECTOR CURRENT I
C
(mA)
Typical Characteristics
www.cj-elec.com
2
www.cj-elec.com
E,Mar,2016


Similar Part No. - MMBT2222AT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT2222AT DIODES-MMBT2222AT Datasheet
57Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 2 - 2
logo
Micro Commercial Compon...
MMBT2222AT MCC-MMBT2222AT Datasheet
256Kb / 3P
   NPN General Purpose Amplifier
logo
Weitron Technology
MMBT2222AT WEITRON-MMBT2222AT Datasheet
99Kb / 5P
   Plastic-Encapsulate Transistors NPN Silicon
logo
Guangdong Kexin Industr...
MMBT2222AT KEXIN-MMBT2222AT Datasheet
887Kb / 2P
   NPN Transistors
logo
Diodes Incorporated
MMBT2222AT DIODES-MMBT2222AT Datasheet
172Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 8 - 2
More results

Similar Description - MMBT2222AT

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MMBT3906T JIANGSU-MMBT3906T Datasheet
5Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
S9014T SKTECHNOLGY-S9014T Datasheet
967Kb / 3P
   SOT-523 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SA1832 JIANGSU-2SA1832 Datasheet
1Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
2SC4617 JIANGSU-2SC4617 Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
2SC4618 JIANGSU-2SC4618 Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
2SC4738 JIANGSU-2SC4738 Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
2SC5585 JIANGSU-2SC5585 Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
BC847T JIANGSU-BC847T Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
BC857T JIANGSU-BC857T Datasheet
1Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
MMBT3904T JIANGSU-MMBT3904T Datasheet
2Mb / 4P
   SOT-523 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com