Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A4625TX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5A4625TX
Description  SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4625TX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5A4625TX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4625TX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4625TX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4625TX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4625TX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4625TX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4625TX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4625TX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A4625TX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
PS8635B
09/13/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A4624/ PI5A4625
SOTINY1-Ohm, Low -Voltage
Single-SupplySPDTSwitch
Electrical Specifications - Single +3.3V Supply
(V+ = +3.3V ± 10%, GND = 0V, VINH=2.0V,VINL =0.6V)
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design.
4.
∆RON = RON max. - RON min.
5. Flatness is defined as the difference between the maximum and minimum value of On-resistance measured.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C)
C
°
(
.
p
m
e
T.
n
i
M
)
1
(
.
p
y
T
)
2
(
.
x
a
M
)
1
(
s
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
0+
VV
e
c
n
a
t
s
i
s
e
R
-
n
OR
N
O
I
,
V
3
=
+
V
M
O
C
A
m
4
2
=
V
O
N
V
r
o
C
N
V
0
.
2
=
5
24
.
18
.
1
m
h
o
ll
u
F2
.
2
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
-
n
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
R
N
O
I
,
V
3
.
3
=
+
V
M
O
C
A
m
4
2
=
V
O
N
V
r
o
C
N
V
0
.
2
,
V
8
.
0
=
5
24
0
.
05
0
.
0
ll
u
F1
1
.
0
s
s
e
n
t
a
l
F
e
c
n
a
t
s
i
s
e
R
-
n
OR
)
N
O
(
T
A
L
F
5
27
1
.
02
.
0
ll
u
F5
2
.
0
c
i
m
a
n
y
D
e
m
i
T
-
n
O
-
n
r
u
Tt
N
O
V
,
V
3
.
3
=
+
V
O
N
e
r
u
g
i
F
,
V
0
.
2
=
C
N
V
r
o
5
20
30
4
s
n
ll
u
F5
5
e
m
i
T
-
f
f
O
-
n
r
u
Tt
F
F
O
5
20
25
2
ll
u
F0
4
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
Bt
M
B
B
)
y
l
n
O
4
2
6
4
A
5
I
P
(
3
e
r
u
g
i
F5
21
1
29
2
e
r
o
f
e
B
-
k
a
e
r
B
-
e
k
a
Mt
B
B
M
)
y
l
n
O
5
2
6
4
A
5
I
P
(
4
e
r
u
g
i
F5
21
3
15
.
7
1
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
C
L
V
,
F
n
1
-
N
E
G
,
V
0
=
R
N
E
G
2
e
r
u
g
i
F
,
V
0
=
5
20
3C
p
y
l
p
p
u
S
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
it
i
s
o
P+
I
+
V
r
o
V
0
=
N
I
V
,
V
6
.
3
=
+
V
f
f
o
r
o
n
o
s
l
e
n
n
a
h
C
ll
A
ll
u
F5
.
01
A
µ
t
u
p
n
I
c
i
g
o
L
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
IV
H
I
l
e
v
e
L
h
g
i
H
c
i
g
o
L
d
e
e
t
n
a
r
a
u
Gll
u
F2
V
e
g
a
tl
o
V
w
o
L
t
u
p
n
IV
L
I
l
e
v
e
L
w
o
L
c
i
g
o
L
d
e
e
t
n
a
r
a
u
Gll
u
F6
.
0
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
II
H
N
I
V
N
I
V
8
.
0
=
s
r
e
h
t
o
ll
a
,
V
4
.
2
=ll
u
F1
–1
A
µ
t
n
e
r
r
u
C
w
o
L
t
u
p
n
II
L
N
I
V
N
I
V
4
.
2
=
s
r
e
h
t
o
ll
a
,
V
8
.
0
=ll
u
F1
–1


Similar Part No. - PI5A4625TX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PI5A4626TX PERICOM-PI5A4626TX Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PI5A4629 PERICOM-PI5A4629 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PI5A4629TX PERICOM-PI5A4629TX Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
More results

Similar Description - PI5A4625TX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4599B PERICOM-PI5A4599B Datasheet
352Kb / 8P
   SOTiny Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599A PERICOM-PI5A4599A Datasheet
421Kb / 8P
   SOTINY Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
PI3A4624 PERICOM-PI3A4624 Datasheet
512Kb / 8P
   3.0V, SOTiny 0.4 Single-Supply SPDT Analog Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4624 AME-AME4624 Datasheet
153Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com