Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD3055 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MJD3055
Description  TO-251-3L Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MJD3055 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MJD3055 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MJD3055 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MJD3055 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TRANSISTOR (NPN)
Designed for General Purpose Amplifier an d Low Speed
Switching Applications
Electrically Simiar to MJE3055
DC Current Gain Specified to10A
Collector-Base Voltage
70
V
Collector-Emitter Voltage
60
V
Emitter-Base Voltage
5
V
Collector Current -Continuous
10
A
Collector Power Dissipation
1.25
W
Junction Temperature
150
Storage Temperature
-55-150
V(BR)CBO
Ic=1mA,IE=0
70
V
V(BR)CEO
Ic=200 mA,IB=0
60
V
V(BR)EBO
IE=1mA,IC=0
5
V
ICBO
VCB=70V,IE=0
0.02
mA
ICEO
VCB=30V,IB=0
50
µA
IEBO
VEB=5V,IC=0
0.5
mA
hFE(1)
VCE=4V,IC=4A
20
100
hFE(2)
VCE=4V,IC=10A
5
VCE(sat)(1)
IC=4A, IB=0.4A
1.1
V
VCE(sat)(2)
IC=10A, IB=3.3A
8
V
VBE
VCE=4V, IC=4A
1.8
V
fT
VCE=10V,IC=0.5A,f=500KHZ
2
MHz
1.BASE
2.COLLECTOR
3.EMITTER
www.cj-elec.com
1
D,Nov,2014


Similar Part No. - MJD3055

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD3055 ONSEMI-MJD3055 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
logo
STMicroelectronics
MJD3055 STMICROELECTRONICS-MJD3055 Datasheet
91Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
MJD3055 FAIRCHILD-MJD3055 Datasheet
44Kb / 4P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD3055 STMICROELECTRONICS-MJD3055 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
MJD3055 ONSEMI-MJD3055 Datasheet
78Kb / 6P
   Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
More results

Similar Description - MJD3055

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
3DA752 JIANGSU-3DA752 Datasheet
348Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SA1700 JIANGSU-2SA1700 Datasheet
766Kb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
2SD1802 JIANGSU-2SD1802 Datasheet
1Mb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
D882M JIANGSU-D882M Datasheet
1Mb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
MJD31C JIANGSU-MJD31C Datasheet
913Kb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
2SB1202 JIANGSU-2SB1202 Datasheet
432Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SB1412 JIANGSU-2SB1412 Datasheet
458Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SC3303 JIANGSU-2SC3303 Datasheet
289Kb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
2SD2118 JIANGSU-2SD2118 Datasheet
558Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SA1615 JIANGSU-2SA1615 Datasheet
220Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SC4003 JIANGSU-2SC4003 Datasheet
373Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com