Electronic Components Datasheet Search |
|
RT9819D-12PVL Datasheet(PDF) 4 Page - Richtek Technology Corporation |
|
RT9819D-12PVL Datasheet(HTML) 4 Page - Richtek Technology Corporation |
4 / 13 page RT9819 4 DS9819-08 July 2013 www.richtek.com © Copyright 2013 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. Note 1. Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect device reliability. Note 2. θJA is measured at TA = 25°C on a single-layer and four-layer test board of JEDEC 51. Note 3. Devices are ESD sensitive. Handling precaution is recommended. Note 4. The device is not guaranteed to function outside its operating conditions. Parameter Symbol Test Conditions Min Typ Max Unit VDD < VTH(MIN) ,ISINK = 3.5mA, VTH ≥ 3V -- -- 0.4 VDD < VTH(MIN) ,ISINK = 1.2mA, VTH ≥ 1.8V -- -- 0.3 RESET Output Voltage Low VOL VTH(MIN) > VDD > 1V, ISINK = 0.5mA -- -- 0.3 V VDD > VTH(MAX) , ISOURCE = 800μA, VTH ≥ 3V VDD −1.5 -- -- VDD > VTH(MAX) , ISOURCE = 500μA, VTH ≥ 1.8V 0.8 VDD -- -- RESET Output Voltage High VOH VDD > VTH(MAX) , ISOURCE = 200μA, VTH ≥ 1.1V 0.8 VDD -- -- V VDD > VTH(MAX) ,ISINK = 3.5mA, VTH ≥ 3V -- -- 0.4 VDD > VTH(MAX) ,ISINK = 1.2mA, VTH ≥ 1.8V -- -- 0.3 RESET Output Voltage Low VOL VDD > VTH(MAX) ,ISINK = 0.5mA, VTH ≥ 1.2V -- -- 0.3 V 1.1V < VDD < VTH(MIN) , ISOURCE = 200μA 0.8 VDD -- -- 1.8V < VDD < VTH(MIN) , ISOURCE = 500μA 0.8 VDD -- -- RESET Output Voltage High VOH 3V < VDD < VTH(MIN) , ISOURCE = 800μA VDD −1.5 -- -- V |
Similar Part No. - RT9819D-12PVL |
|
Similar Description - RT9819D-12PVL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |