Electronic Components Datasheet Search |
|
RT9818H-13GV Datasheet(PDF) 1 Page - Richtek Technology Corporation |
|
RT9818H-13GV Datasheet(HTML) 1 Page - Richtek Technology Corporation |
1 / 14 page RT9818 ® DS9818-11 August 2016 www.richtek.com 1 © Copyright 2016 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. Features Internally Fixed Threshold 1.2V to 5V in 0.1V Step High Accuracy ±±±±±1.5% Low Supply Current 3 μμμμμA No External Components Required Quick Reset within 20 μμμμμs Built-In Recovery Delay Include 0ms, 55ms, 220ms, 450ms Options Low Functional Supply Voltage 0.9V N-Channel Open-Drain Output Small SC-82, SC-70-3, SOT-23-3, SOT-23-5, SOT-89 Packages RoHS Compliant and 100% Lead (Pb)-Free Applications Computers Controllers Intelligent Instruments Critical μP and μC Power Monitoring Portable/Battery-Powered Equipment Micro-Power Voltage Detectors General Description The RT9818 is a micro-power voltage detector supervising the power supply voltage level for microprocessors ( μP) or digital systems. It provides internally fixed threshold levels with 0.1V per step ranging from 1.2V to 5V, which covers most digital applications. It features low supply current of 3 μA. The RT9818 performs supervisory function by sending out a reset signal whenever the VDD voltage falls below a preset threshold level. This reset signal will last the whole period before VDD recovering. Once VDD recovered upcrossing the threshold level, the reset signal will be released after a certain delay time. RT9818 is provided in SC-82, SC-70-3, SOT-23-3, SOT-23-5 and SOT-89 packages. Marking Information For marking information, contact our sales representative directly or through a Richtek distributor located in your area. Ordering Information Typical Application Circuit GND RESET/ RESET VDD RT9818 RESET/ RESET VDD P Pull Up 100k RT9818 Package Type U3 : SC-70-3 V : SOT-23-3 VL : SOT-23-3 (L-Type) B : SOT-23-5 X : SOT-89 Y : SC-82 YR : SC-82 (R-Type) Lead Plating System P : Pb Free G : Green (Halogen Free and Pb Free) Threshold Voltage 12 : 1.2V 13 : 1.3V : 49 : 4.9V 50 : 5.0V - Reset Active Timeout Period A = 0ms (RESET) B = 55ms (RESET) C = 220ms (RESET) D = 450ms (RESET) E = 0ms (RESET) F = 55ms (RESET) G = 220ms (RESET) H = 450ms (RESET) Note : Richtek products are : RoHS compliant and compatible with the current require- ments of IPC/JEDEC J-STD-020. Suitable for use in SnPb or Pb-free soldering processes. |
Similar Part No. - RT9818H-13GV |
|
Similar Description - RT9818H-13GV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |