Electronic Components Datasheet Search |
|
PCN10EA-064S-2.54DSA Datasheet(PDF) 3 Page - Hirose Electric |
|
PCN10EA-064S-2.54DSA Datasheet(HTML) 3 Page - Hirose Electric |
3 / 37 page A31 PCN12 A - * P - 2.54 DS 1 2 4 3 5 6 PCN12 E - * S - 2.54 DSA 1 2 4 3 5 6 PCN13 E - * S - 2.54 DSA 1 2 4 3 5 6 *PCN13 series are only socket type. PCN10 and 12 series are mating connectors. qPCN 12 Series (Plug) qPCN 12E-*S-2.54 DSA(Socket) r S : Socket t Contact pitch : 2.54mm y Contact type : DSA: Straight through hole type q Series name : PCN12 w No symbol : Standard type E : With board prefixed lock pin type e Number of contacts : 2-row: 10, 16, 20, 28, 32, 44, 50, 64, 90, 100 3-row: 96 qPCN 13E-*S-2.54 DSA (Socket) e Number of contacts : 2-row: 10, 16, 20, 24, 28, 32, 44, 50, 64, 90, 100 3-row: 96 r P : Plug t Contact pitch : 2.54mm y Contact type : DS: Right angle through hole type q Series name : PCN12 w No symbol : DIN standard type C (96 Contacts) A : Original type E-EA : With board prefixed lock pin type r S : Socket t Contact pitch : 2.54mm y Contact style : DS: Right angle through hole type : DSA: Straight through hole type q Series name : PCN13 w No symbol : Standard type E : With board prefixed easy pin type e Number of contacts : 2-row: 10, 16, 20, 30, 32, 44, 50, 64, 90, 100 3-row: 48, 96 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Similar Part No. - PCN10EA-064S-2.54DSA |
|
Similar Description - PCN10EA-064S-2.54DSA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |