Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCN10C-44S-2.54DS Datasheet(PDF) 6 Page - Hirose Electric

Part # PCN10C-44S-2.54DS
Description  Comply with IEC603-2/DIN41612 standard
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN10C-44S-2.54DS Datasheet(HTML) 6 Page - Hirose Electric

Back Button PCN10C-44S-2.54DS Datasheet HTML 2Page - Hirose Electric PCN10C-44S-2.54DS Datasheet HTML 3Page - Hirose Electric PCN10C-44S-2.54DS Datasheet HTML 4Page - Hirose Electric PCN10C-44S-2.54DS Datasheet HTML 5Page - Hirose Electric PCN10C-44S-2.54DS Datasheet HTML 6Page - Hirose Electric PCN10C-44S-2.54DS Datasheet HTML 7Page - Hirose Electric PCN10C-44S-2.54DS Datasheet HTML 8Page - Hirose Electric PCN10C-44S-2.54DS Datasheet HTML 9Page - Hirose Electric PCN10C-44S-2.54DS Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
A34
PCN10 Series
sPin Header: 2-row Right Angle Type (DIN standard type B)
PCN10-*P-2.54DS
PCN10A-*P-2.54DS
CL No.
Part Number
Unit:mm
583-0231-1
583-0078-6
583-0011-5
583-0039-4
583-0012-8
583-0013-0
583-0014-3
583-0114-8
PCN10A-016P-2.54DS
PCN10A-020P-2.54DS
PCN10A-032P-2.54DS
PCN10A-044P-2.54DS
PCN10A-050P-2.54DS
PCN10A-064P-2.54DS
PCN10A-090P-2.54DS
PCN10A-100P-2.54DS
Number of Contacts
16
20
32
44
50
64
90
100
A
B
33.04
38.12
53.36
68.60
76.22
94.00
127.02
139.72
24.39
29.47
44.71
59.95
67.57
85.35
118.37
131.07
C
D
17.78
22.86
38.10
53.34
60.96
78.74
111.76
124.46
27.94
33.02
48.26
63.50
71.12
88.90
121.92
134.62
Unit:mm
CL No.
Part Number
583-0230-9
583-0077-3
583-0015-6
583-0038-1
583-0016-9
583-0017-1
583-0018-4
583-0113-5
PCN10- 16P-2.54DS
PCN10- 20P-2.54DS
PCN10- 32P-2.54DS
PCN10- 44P-2.54DS
PCN10- 50P-2.54DS
PCN10- 64P-2.54DS
PCN10- 90P-2.54DS
PCN10-100P-2.54DS
Number of Contacts
16
20
32
44
50
64
90
100
A
B
33.04
38.12
53.36
68.60
76.22
94.00
127.02
139.72
24.39
29.47
44.71
59.95
67.57
85.35
118.37
131.07
C
D
27.94
33.02
48.26
63.50
71.12
88.90
121.92
134.62
BPCB mounting pattern
BPCB mounting pattern
sPin Header: 2-row Right Angle Type
17.78
22.86
38.10
53.34
60.96
78.74
111.76
124.46
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - PCN10C-44S-2.54DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN10C-44S-2.54DS HIROSE-PCN10C-44S-2.54DS Datasheet
2Mb / 9P
   Product Compliant to DIN41612/IEC603-2 Standard
More results

Similar Description - PCN10C-44S-2.54DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN10-16P-2.54DS HIROSE-PCN10-16P-2.54DS Datasheet
2Mb / 9P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN13-10S-2.54DSA HIROSE-PCN13-10S-2.54DSA Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
logo
FCI connector
8609XXX7313XX5 FCI-CONNECTOR-8609XXX7313XX5 Datasheet
214Kb / 1P
   DIN STANDARD HEADER(ANGLED SPILL DIN41612 STYLE-C/2)
logo
jb Capacitors Company
JCZ JBCAPACITORS-JCZ Datasheet
333Kb / 3P
   Comply with the RoHS directive
logo
Delta Electronics, Inc.
GPS-450AA-100 DELTA-GPS-450AA-100 Datasheet
154Kb / 1P
   Comply with Intel ATX12V 2.0
logo
Bothhand USA, LP.
VP6018RZM-HF BOTHHAND-VP6018RZM-HF Datasheet
102Kb / 2P
   Comply with ROHS & Halogen Free requirements.
TS21AY-HF BOTHHAND-TS21AY-HF Datasheet
232Kb / 2P
   Comply with ROHS & Halogen Free requirements
VP6014M-HF BOTHHAND-VP6014M-HF Datasheet
269Kb / 2P
   Comply with ROHS & Halogen Free requirements.
TS8121CM-HF BOTHHAND-TS8121CM-HF Datasheet
88Kb / 2P
   Comply with ROHS & Halogen Free requirements.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com