Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9818G-50PU3 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9818G-50PU3
Description  Micro-Power Voltage Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9818G-50PU3 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9818G-50PU3 Datasheet HTML 2Page - Richtek Technology Corporation RT9818G-50PU3 Datasheet HTML 3Page - Richtek Technology Corporation RT9818G-50PU3 Datasheet HTML 4Page - Richtek Technology Corporation RT9818G-50PU3 Datasheet HTML 5Page - Richtek Technology Corporation RT9818G-50PU3 Datasheet HTML 6Page - Richtek Technology Corporation RT9818G-50PU3 Datasheet HTML 7Page - Richtek Technology Corporation RT9818G-50PU3 Datasheet HTML 8Page - Richtek Technology Corporation RT9818G-50PU3 Datasheet HTML 9Page - Richtek Technology Corporation RT9818G-50PU3 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RT9818
6
DS9818-11 August 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Supply Current vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0123
456
Input Voltage (V)
RT9818A-45
80°C
25°C
-30°C
Power Down Reset Delay vs. Temperature
0
5
10
15
20
25
30
35
40
45
-50
-25
0
25
50
75
100
125
Temperature (°C)
RT9818C-30
VDROP = 200mV
VDROP = 150mV
VDROP = 250mV
Power Down Reset Delay vs. Temperature
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
125
Temperature (°C)
RT9818A-12
VDROP = 200mV
VDROP = 150mV
VDROP = 250mV
Power Down Reset Delay vs. Temperature
0
5
10
15
20
25
30
35
40
45
-50
-25
0
255075
100
125
Temperature (°C)
RT9818A-45
VDROP = 200mV
VDROP = 150mV
VDROP = 250mV
Reset Threshold Deviation vs. Temperature
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Temperature (°C)
4.5V
1.2V
4.2V
2.2V
RT9818
5V
Nch Driver Sink Current vs. Input Voltage
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
3.5
Input Voltage (V)
RT9818C-30, VDS = 0.5V
80
°C
25
°C
−30°C


Similar Part No. - RT9818G-50PU3

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9818G-50PU3 RICHTEK-RT9818G-50PU3 Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
More results

Similar Description - RT9818G-50PU3

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
   Micro-Power Voltage Detectors
RT9816 RICHTEK-RT9816_13 Datasheet
175Kb / 10P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_11 Datasheet
215Kb / 14P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_13 Datasheet
239Kb / 13P
   Micro-Power Voltage Detectors
logo
List of Unclassifed Man...
RT9808 ETC-RT9808 Datasheet
200Kb / 12P
   MICRO POWER VOLTAGE DETECTORS
RT9809 ETC-RT9809 Datasheet
142Kb / 6P
   MICRO POWER VOLTAGE DETECTORS
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com